Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144TMFHA Datasheet(PDF) 10 Page - Rohm

Part # DTA144TMFHA
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA144TMFHA Datasheet(HTML) 10 Page - Rohm

Back Button DTA144TMFHA Datasheet HTML 3Page - Rohm DTA144TMFHA Datasheet HTML 4Page - Rohm DTA144TMFHA Datasheet HTML 5Page - Rohm DTA144TMFHA Datasheet HTML 6Page - Rohm DTA144TMFHA Datasheet HTML 7Page - Rohm DTA144TMFHA Datasheet HTML 8Page - Rohm DTA144TMFHA Datasheet HTML 9Page - Rohm DTA144TMFHA Datasheet HTML 10Page - Rohm DTA144TMFHA Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Datasheet
Datasheet
Notice – WE
Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
General Precaution
1. Before you use our Pro ducts, you are requested to care fully read this document and fully understand its contents.
ROHM shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny
ROHM’s Products against warning, caution or note contained in this document.
2. All information contained in this docume nt is current as of the issuing date and subj ect to change without any prior
notice. Before purchasing or using ROHM’s Products, please confirm the la test information with a ROHM sale s
representative.
3. The information contained in this doc ument is provi ded on an “as is” basis and ROHM does not warrant that all
information contained in this document is accurate an d/or error-free. ROHM shall not be in an y way responsible or
liable for any damages, expenses or losses incurred by you or third parties resulting from inaccuracy or errors of or
concerning such information.


Similar Part No. - DTA144TMFHA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144TM ROHM-DTA144TM Datasheet
58Kb / 3P
   Digital transistors (built in resistor)
DTA144TM ROHM-DTA144TM Datasheet
144Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistor)
logo
Taiwan Semiconductor Co...
DTA144TM TSC-DTA144TM Datasheet
209Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
DTA144TM ROHM-DTA144TM Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
logo
ON Semiconductor
DTA144TM3 ONSEMI-DTA144TM3 Datasheet
112Kb / 6P
   Digital Transistors (BRT) R1 = 47 k, R2 =  k
September, 2012 ??Rev. 1
More results

Similar Description - DTA144TMFHA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123E ROHM-DTA123E Datasheet
345Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com