Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114EUAFRA Datasheet(PDF) 2 Page - Rohm

Part # DTC114EUAFRA
Description  NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114EUAFRA Datasheet(HTML) 2 Page - Rohm

  DTC114EUAFRA Datasheet HTML 1Page - Rohm DTC114EUAFRA Datasheet HTML 2Page - Rohm DTC114EUAFRA Datasheet HTML 3Page - Rohm DTC114EUAFRA Datasheet HTML 4Page - Rohm DTC114EUAFRA Datasheet HTML 5Page - Rohm DTC114EUAFRA Datasheet HTML 6Page - Rohm DTC114EUAFRA Datasheet HTML 7Page - Rohm DTC114EUAFRA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DTC114EUA FRA
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-10 to 40
V
Output current
IO
50
mA
Collector current
IC(MAX)*1
100
mA
Power dissipation
PD*2
200
mW
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100μA
-
-
0.5
V
VI(on)
VO = 0.3V, IO = 10mA
3.0
-
-
Output voltage
VO(on)
IO = 10mA, II = 0.5mA
-
100
300
mV
Input current
II
VI = 5V
-
-
880
μA
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
500
nA
DC current gain
GI
VO = 5V, IO = 5mA
30
-
-
-
Input resistance
R1
-
7
10
13
Resistance ratio
R2/R1
-
0.8
1.0
1.2
-
Transition frequency
fT*1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor.
*2 Each terminal mounted on a reference land.
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/5
20161014 - Rev.001


Similar Part No. - DTC114EUAFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114EUA ROHM-DTC114EUA Datasheet
71Kb / 3P
   Digital transistors (built-in resistors)
logo
WILLAS ELECTRONIC CORP
DTC114EUA WILLAS-DTC114EUA Datasheet
422Kb / 3P
   Digital Transistors (Built-in Resistors)
logo
Micro Commercial Compon...
DTC114EUA MCC-DTC114EUA Datasheet
251Kb / 3P
   NPN Digital Transistors
logo
Rohm
DTC114EUA ROHM-DTC114EUA Datasheet
90Kb / 4P
   Digital transistors (built-in resistors)
logo
WILLAS ELECTRONIC CORP
DTC114EUA WILLAS-DTC114EUA Datasheet
394Kb / 2P
   NPN Digital Transistor
More results

Similar Description - DTC114EUAFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114EEFRA ROHM-DTC114EEFRA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC115EU3HZG ROHM-DTC115EU3HZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124TCA ROHM-DTC124TCA Datasheet
969Kb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC123YU3HZG ROHM-DTC123YU3HZG Datasheet
937Kb / 9P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124XU3HZG ROHM-DTC124XU3HZG Datasheet
967Kb / 9P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143ZU3HZG ROHM-DTC143ZU3HZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC123JEBHZG ROHM-DTC123JEBHZG Datasheet
811Kb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124ECAHZG ROHM-DTC124ECAHZG Datasheet
892Kb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143TCAHZG ROHM-DTC143TCAHZG Datasheet
1Mb / 7P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143XCAHZG ROHM-DTC143XCAHZG Datasheet
771Kb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC144EUBHZG ROHM-DTC144EUBHZG Datasheet
886Kb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com