Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA-W3796P Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # CLA-W3796P
Description  LTE SNAP-ON ANTENNA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CLA-W3796P Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  CLA-W3796P Datasheet HTML 1Page - Pulse A Technitrol Company CLA-W3796P Datasheet HTML 2Page - Pulse A Technitrol Company CLA-W3796P Datasheet HTML 3Page - Pulse A Technitrol Company CLA-W3796P Datasheet HTML 4Page - Pulse A Technitrol Company CLA-W3796P Datasheet HTML 5Page - Pulse A Technitrol Company CLA-W3796P Datasheet HTML 6Page - Pulse A Technitrol Company CLA-W3796P Datasheet HTML 7Page - Pulse A Technitrol Company CLA-W3796P Datasheet HTML 8Page - Pulse A Technitrol Company CLA-W3796P Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Issue: 1611
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: LTE SNAP-ON ANTENNA
698-960MHz, 1427.9-1660.5MHz, 1695-2200MHz, 2300-2700MHz
PART NUMBER: CLA-W3796P
Series: Embedded Antenna
MECHANICAL DRAWING
4


Similar Part No. - CLA-W3796P

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CLA-13-6012 TELEDYNE-CLA-13-6012 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6013 TELEDYNE-CLA-13-6013 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6014 TELEDYNE-CLA-13-6014 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-13-6015 TELEDYNE-CLA-13-6015 Datasheet
896Kb / 2P
   Low Noise Amplifier 6 GHz - 13 GHz
CLA-18-2002 TELEDYNE-CLA-18-2002 Datasheet
895Kb / 2P
   Amplifier 2 GHz - 18 GHz
More results

Similar Description - CLA-W3796P

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2118903 TEC-C-2118903 Datasheet
154Kb / 1P
   ANTENNA, LTE
logo
Pulse A Technitrol Comp...
W3796 PULSE-W3796_17 Datasheet
2Mb / 19P
   LTE SMD ANTENNA
logo
Abracon Corporation
AEACAC198013-S698 ABRACON-AEACAC198013-S698 Datasheet
1Mb / 4P
   4G/LTE External Antenna
04.10.2020
logo
Maxtena Inc.
MEA-2700-LTE MAXTENA-MEA-2700-LTE Datasheet
650Kb / 3P
   LOW PROFILE LTE ANTENNA
REV A
logo
PCTEL, Inc.
BMLPVMB-LTE PCTEL-BMLPVMB-LTE Datasheet
145Kb / 1P
   BMLPVMB/LTE Low-Profile 4G LTE Antenna
logo
Maxtena Inc.
MEA-3-GGL MAXTENA-MEA-3-GGL Datasheet
944Kb / 4P
   GPS/GLONASS/LTE ANTENNA
REV A
MEA-UWB-01-AM MAXTENA-MEA-UWB-01-AM Datasheet
1Mb / 3P
   LOW PROFILE LTE ANTENNA
REV 1
logo
Molex Electronics Ltd.
PS-146200-001 MOLEX-PS-146200-001 Datasheet
322Kb / 5P
   Full LTE SMT Antenna
2016/02/22
logo
Pulse A Technitrol Comp...
W3796 PULSE-W3796 Datasheet
1Mb / 14P
   LTE Surface Mount ANTENNA
SB698SMA3 PULSE-SB698SMA3 Datasheet
967Kb / 14P
   Stealth Blade LTE Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com