Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51S106-006N5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 51S106-006N5
Description  STRAIGHT PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

51S106-006N5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  51S106-006N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 51S106-006N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
BNC 50
STRAIGHT PLUG
51S106-006N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-8, MIL-PRF-39012, CECC 22120
Documents
Assembly instruction
51 E
Material and plating
Connector parts
Material
Plating
Center contact
Brass
AuroDur®, gold plated
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Body
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE
Gasket
NeopreneCR 50C6
Gasket
Silicone


Similar Part No. - 51S106-006N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
51S106-001N5 ROSENBERGER-51S106-001N5 Datasheet
42Kb / 2P
   BNC 50 STRAIGHT PLUG
51S106-002N5 ROSENBERGER-51S106-002N5 Datasheet
42Kb / 2P
   BNC 50 STRAIGHT PLUG
More results

Similar Description - 51S106-006N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
56S101-115N5 ROSENBERGER-56S101-115N5 Datasheet
45Kb / 2P
   STRAIGHT PLUG
53S107-108N5 ROSENBERGER-53S107-108N5 Datasheet
72Kb / 2P
   STRAIGHT PLUG
51S107-802N5 ROSENBERGER-51S107-802N5 Datasheet
42Kb / 2P
   STRAIGHT PLUG
64S115-C09N1 ROSENBERGER-64S115-C09N1 Datasheet
275Kb / 2P
   Straight Plug
53S107-803N5 ROSENBERGER-53S107-803N5 Datasheet
76Kb / 2P
   STRAIGHT PLUG
45S101-102L5 ROSENBERGER-45S101-102L5 Datasheet
43Kb / 2P
   STRAIGHT PLUG
45S105-101L5 ROSENBERGER-45S105-101L5 Datasheet
79Kb / 2P
   STRAIGHT PLUG
MF1S111-1H8L5-NM ROSENBERGER-MF1S111-1H8L5-NM Datasheet
109Kb / 2P
   straight plug
logo
Japan Aviation Electron...
JB1DB03PL JAE-JB1DB03PL Datasheet
165Kb / 1P
   STRAIGHT PLUG
JN2DS10SL1-R JAE-JN2DS10SL1-R Datasheet
223Kb / 1P
   STRAIGHT PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com