Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L486 Datasheet(PDF) 4 Page - IXYS Corporation

Part # L486
Description  IGBT Modules Sixpack, H Bridge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L486 Datasheet(HTML) 4 Page - IXYS Corporation

  L486 Datasheet HTML 1Page - IXYS Corporation L486 Datasheet HTML 2Page - IXYS Corporation L486 Datasheet HTML 3Page - IXYS Corporation L486 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2004 IXYS All rights reserved
4 - 4
MWI 100-12 E8
MKI 100-12 E8
IXYS reserves the right to change limits, test conditions and dimensions.
0
50
100
150
200
0
10
20
30
40
0
100
200
300
400
0
50
100
150
200
0
4
8
12
16
20
0
200
400
600
800
1000
0.0001
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
0
5
10
15
20
0
4
8
12
16
0
250
500
750
1000
0
5
10
15
20
0
4
8
12
16
0
100
200
300
400
0
200
400
600
800 1000 1200 1400
0
50
100
150
200
250
Eoff
td(off)
Eoff
td(off)
I
C
A
I
C
A
E
off
E
on
t
t
R
G
R
G
V
CE
t
s
mJ
E
on
mJ
E
off
t
ns
t
I
CM
K/W
Z
thJC
V
A
mJ
ns
mJ
ns
tr
Eon
tr
single pulse
diode
IGBT
ns
Eon
MWI100-12E8
td(on)
tf
V
CE = 600 V
V
GE = ±15 V
I
C
= 100 A
T
VJ
= 125°C
V
CE = 600 V
V
GE = ±15 V
I
C
= 100 A
T
VJ
= 125°C
V
CE = 600 V
V
GE = ±15 V
R
G =
12
T
VJ
= 125°C
V
CE = 600 V
V
GE = ±15 V
R
G =
12
T
VJ
= 125°C
R
G = 12 Ω
T
VJ = 125°C
td(on)
tf
Fig. 7
Typ. turn on energy and switching
Fig. 8
Typ. turn off energy and switching
times versus collector current
times versus collector current
Fig. 9
Typ. turn on energy and switching
Fig.10 Typ. turn off energy and switching
times versus gate resistor
times versus gate resistor
Fig. 11 Reverse biased safe operating area
Fig. 12 Typ. transient thermal impedance
RBSOA


Similar Part No. - L486

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863 UTC-L4863 Datasheet
219Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863-D16-T UTC-L4863-D16-T Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863-D16-T UTC-L4863-D16-T Datasheet
219Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
L4863-D16-T UTC-L4863-D16-T Datasheet
219Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results

Similar Description - L486

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MWI50-12A7 IXYS-MWI50-12A7 Datasheet
111Kb / 4P
   IGBT Modules Sixpack
MWI450-12E9 IXYS-MWI450-12E9 Datasheet
479Kb / 5P
   IGBT Modules Sixpack
MWI15-12A7 IXYS-MWI15-12A7 Datasheet
137Kb / 4P
   IGBT Modules Sixpack
MWI50-12A5 IXYS-MWI50-12A5 Datasheet
121Kb / 4P
   IGBT Modules Sixpack
MWI75-12A5 IXYS-MWI75-12A5 Datasheet
121Kb / 4P
   IGBT Modules Sixpack
MWI25-12A7 IXYS-MWI25-12A7 Datasheet
105Kb / 4P
   IGBT Modules Sixpack
MWI35-12A5 IXYS-MWI35-12A5 Datasheet
120Kb / 4P
   IGBT Modules Sixpack
MWI100-12A8 IXYS-MWI100-12A8 Datasheet
238Kb / 4P
   IGBT Modules Sixpack
MKI50-06A7 IXYS-MKI50-06A7 Datasheet
78Kb / 4P
   IGBT Modules H-Bridge
logo
Sensitron
MWI50-12E6K SENSITRON-MWI50-12E6K Datasheet
135Kb / 2P
   IGBT Module Sixpack
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com