Electronic Components Datasheet Search |
|
AA1206FR-079R76 Datasheet(PDF) 4 Page - YAGEO Corporation |
|
AA1206FR-079R76 Datasheet(HTML) 4 Page - YAGEO Corporation |
4 / 10 page Chip Resistor Surface Mount www.yageo.com Dec. 08 2015 V.3 Product specification 4 10 SERIES AA 0201 to 2512 Fig. 8 Chip resistor outlines O OU UT TL LIIN NE ES S C CO ON NS ST TR RU UC CT TIIO ON N The resistors are constructed on top of an automotive grade ceramic body. Internal metal electrodes are added at each end and connected by a resistive glaze. The resistive glaze is covered by a lead-free glass. The composition of the glaze is adjusted to give the approximately required resistance value and laser trimming of this resistive glaze achieves the value within tolerance. The whole element is covered by a protective overcoat. Size 0603 and bigger is marked with the resistance value on top. Finally, the two external terminations (Ni / matte tin) are added, as shown in Fig.8. AA1218 Fig. 9 Chip resistor dimensions For dimension, please refer to Table 1 AA0603/0805/1206/ 1210/2010/2512 Side view for all type AA0201 / AA0402 TYPE L (mm) W (mm) H (mm) I1 (mm) I2 (mm) AA0201 0.60 ±0.03 0.30 ±0.03 0.23 ±0.03 0.12 ±0.05 0.15 ±0.05 AA0402 1.00 ±0.05 0.50 ±0.05 0.32 ±0.05 0.20 ± 0.10 0.25 ±0.10 AA0603 1.60 ±0.10 0.80 ±0.10 0.45 ±0.10 0.25 ± 0.15 0.25 ±0.15 AA0805 2.00 ±0.10 1.25 ±0.10 0.50 ±0.10 0.35 ± 0.20 0.35 ±0.20 AA1206 3.10 ±0.10 1.60 ±0.10 0.55 ±0.10 0.45 ± 0.20 0.40 ±0.20 AA1210 3.10 ±0.10 2.60 ±0.15 0.50 ±0.10 0.45 ± 0.15 0.50 ±0.20 AA1218 3.10 ±0.10 4.60 ±0.10 0.55 ±0.10 0.45 ± 0.20 0.40 ±0.20 AA2010 5.00 ±0.10 2.50 ±0.15 0.55 ±0.10 0.55 ± 0.15 0.50 ±0.20 AA2512 6.35 ±0.10 3.10 ±0.15 0.55 ±0.10 0.60 ±0.20 0.50 ±0.20 Table 1 For outlines, please refer to Fig. 9 D DIIM ME EN NS SIIO ON NS S |
Similar Part No. - AA1206FR-079R76 |
|
Similar Description - AA1206FR-079R76 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |