Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA-019-12-22 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # AA-019-12-22
Description  Precise temperature control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

AA-019-12-22 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  AA-019-12-22 Datasheet HTML 1Page - Laird Tech Smart Technology AA-019-12-22 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
AA PowerCool Series, AA-019-12-22
Thermoelectric Assembly
PowerCool SerieS Air-to-Air thermoeleCtriC ASSembly
The AA PowerCool Series is an Air-to-Air thermoelectric assembly (TEA) that uses impingement
flow to transfer heat. It offers dependable, compact performance by cooling objects via
convection. Heat is absorbed and dissipated thru high density heat exchangers equipped
with air ducted shrouds and brand name fans. The thermoelectric modules are custom designed
to achieve a high coefficient of performance (COP) to minimize power consumption. This product
series is available in a wide range of cooling capacities and voltages. Custom configurations and
moisture protection options are available, however, MOQ applies.
FeAtUreS
• Compactdesign
• Precisetemperaturecontrol
• Reliablesolid-stateoperation
• DCoperation
• RoHScompliant
Americas: +1.888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com/thermal
APPliCAtionS
• Analyticalinstrumentation
• Medicaldiagnostics
• Photonicslasersystems
• Industrialinstrumentation
• Foodandbeveragecooling
Specifications
Cooling Power Qcmax (W)
20
RunningCurrent(A)
2.3
Startup Current (A)
2.8
Nominal Voltage (V)
12
Max Voltage (V)
15
Power Input (W)
28
Operating Temperature (°C)
-10 to 52
Weight (kg)
0.32
MTBF(fans–hrs)
40,000
Performance Tolerance
±10%
Qc vs dT
0
5
10
15
20
25
0
5
10
15
20
25
30
35
40
45
dT (°C)
PerFormAnCe CUrve


Similar Part No. - AA-019-12-22

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
AA-0220-1 JMK-AA-0220-1 Datasheet
34Kb / 1P
   392,147 to 391,558 Hrs @ 30C GB
AA-0220-10 JMK-AA-0220-10 Datasheet
38Kb / 1P
   392,147 to 391,558 Hrs @ 30C GB
AA-0220-2 JMK-AA-0220-2 Datasheet
34Kb / 1P
   392,147 to 391,558 Hrs @ 30C GB
AA-0220-20 JMK-AA-0220-20 Datasheet
32Kb / 1P
   392,147 to 391,558 Hrs @ 30C GB
AA-0220-3 JMK-AA-0220-3 Datasheet
34Kb / 1P
   392,147 to 391,558 Hrs @ 30C GB
More results

Similar Description - AA-019-12-22

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
   Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
   Precise temperature control
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
   Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
   Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
   Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
   Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
   Precise Temperature Control
DAC-060-24-02 LSTD-DAC-060-24-02 Datasheet
777Kb / 2P
   Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
   Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
   Precise temperature control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
   Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com