Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRB5365B-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRB5365B-HF
Description  SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRB5365B-HF Datasheet(HTML) 1 Page - Comchip Technology

  CZRB5365B-HF Datasheet HTML 1Page - Comchip Technology CZRB5365B-HF Datasheet HTML 2Page - Comchip Technology CZRB5365B-HF Datasheet HTML 3Page - Comchip Technology CZRB5365B-HF Datasheet HTML 4Page - Comchip Technology CZRB5365B-HF Datasheet HTML 5Page - Comchip Technology CZRB5365B-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Voltage: 5.1V to 200V
Power: 5 W
RoHS Device
CZRB5338B-HF Thru. CZRB5388B-HF
(1) TL = Lead temperature at 3/8” (9.5mm) from body.
Features
- Low leakage
- Built-in strain relief
- Low inductance
- Glass passivated chip
- High peak reverse power dissipation
- For use in stabilizing and clipping with
with high power rating.
Mechanical data
- Case: Molded plastic
- Epoxy: UL 94V-0 rate flame retardant
- Polarity: Color band denotes cathode end.
- Lead: Solderable per MIL-STD-202,
method 208 guranteed.
- Mounting position: Any
Halogen Free
Note:
Circuit diagram
SMD Zener Diode
Page 1
REV:A
QW-JZ008
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Parameter
Symbol
Value
Unit
1.2
V
VF
Maximum forward voltage at IF = 200 mA
5.0
W
PD
DC Power dissipation at TL = 50°C (Note 1)
Maximum Ratings (TA=25°C unless otherwise noted)
Storange temperature range
-55 to +150
Junction temperature range
-55 to +150
°C
TJ
TSTG
°C
SMB/DO-214AA
0.087(2.20)
0.077(1.96)
0.155(3.94)
0.130(3.30)
0.191(4.85)
0.171(4.35)
0.012(0.30)
0.006(0.15)
0.096(2.44)
0.083(2.13)
0.060(1.52)
0.030(0.75)
0.008(0.20)
0.001(0.02)
0.216(5.50)
0.201(5.10)
Dimensions in inches and (millimeter)


Similar Part No. - CZRB5365B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRB5361B-HF COMCHIP-CZRB5361B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
CZRB5369B-HF COMCHIP-CZRB5369B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results

Similar Description - CZRB5365B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com