Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT532600OAFNJXXSE-PF Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # TT532600OAFNJXXSE-PF
Description  TCXO/VC-TCXO, 5.0 x 3.2mm, HCMOS/TTL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TT532600OAFNJXXSE-PF Datasheet(HTML) 1 Page - Advanced Crystal Technology

  TT532600OAFNJXXSE-PF Datasheet HTML 1Page - Advanced Crystal Technology TT532600OAFNJXXSE-PF Datasheet HTML 2Page - Advanced Crystal Technology TT532600OAFNJXXSE-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(V)TCT53‐4 Series
From ±0.5ppm stability over 0°C to 50°C 
ESD sensitive device
Moisture sensitive level (MSL)‐1 
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range 
F_nom  6.4MHz ~ 40.0MHz
 
 Supply voltage
Vcc   2.5V, 3.0V, 3.3V, 5.0V
 
 Initial frequency tolerance  
F_tol  ±2.0ppm  at +25°C±2°C
 Frequency stability 
 vs Temperature
F_stb  ±0.5ppm ~ ±3.0ppm
 Table 1
 vs Load
F_load  ±0.3ppm max.  ±10% load condition change
 vs Voltage
F_Vcc  ±0.3ppm max.  ±5% input voltage change
 vs Aging
F_age  ±1.0ppm/year max.
 at +25°C
 vs Reflow
 ±1.0ppm/year max.
 1 reflow and measured after 24hrs
 Operating temperature range (°C)
Topr  0°C ~ +50°C to ‐40°C ~ +85°C
 Table 1
 Storage temperature (°C)
Tstg  ‐55°C ~ +125°C
 Output Wave Form
  HCMOS/TTL
 Output voltage high
Voh   90% Vcc min. 
 Output voltage low
Vol  10% Vcc max. 
 Output load
 15pF
 Current consumption
Icc   6mA max.                          
 Rise and fall time
Tr, Tf  10ns max.  20% to 80% of wave form. 
 Duty cycle
SYM  45%/55%, 40%/60%
 Measured at 50% Vcc.
 Start‐up time
T_str  5.0m sec (typ.), 10.0m sec. (Max.)
 Reach 90% amplitude at +25°C±2°C
 VC‐TCXO option only
 Control voltage
 Vc  1.5V ± 1.0V
 for all supply voltages
 Frequency tuning (ppm)
 ±5.0ppm min. 
 Linearity/Slope polarity
 ±10.0% max/Positive slope
 Positive voltage for positive frequency  shift 
 Input impedance  50.0MΩ min
 Modulation bandwidth  20.0kHz min
 Table 1 Frequency Stability vs Temperature
 Temp. (°C)
 Stability in ppm
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
   0°C to 50°C 
√√√√
‐10°C to 60°C 
Enq.
√√√√
‐20°C to 70°C 
X
√√√√
‐30°C to 75°C 
X
√√√√
‐30°C to 85°C 
X
√√√√
‐40°C to 85°C 
XEnq.
√√√√
Pad 1 : Control voltage (VCTCXO). No connection(TCXO)
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply Voltage
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
TCXO/VC‐TCXO, 5.0 x 3.2mm, HCMOS/TTL
Dimensions (Unit:mm)
5.0
1.1
3.7
3.8
1.4
Top view
Bottom view
Land pattern
1
2
3
4
1
2
3
4


Similar Part No. - TT532600OAFNJXXSE-PF

ManufacturerPart #DatasheetDescription
logo
LEM
TT50-SD LEM-TT50-SD Datasheet
1Mb / 4P
   AC Current transformer
logo
eupec GmbH
TT500N EUPEC-TT500N Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
logo
DONGGUAN YOU FENG WEI E...
TT501F YFWDIODE-TT501F Datasheet
357Kb / 3P
   5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
TT502F YFWDIODE-TT502F Datasheet
357Kb / 3P
   5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - TT532600OAFNJXXSE-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
logo
List of Unclassifed Man...
TA62320CV ETC2-TA62320CV Datasheet
70Kb / 1P
   HCMOS/TTL (VC) TCXO Oscillator
logo
Caliber Electronics Inc...
TA61 CALIBER-TA61 Datasheet
76Kb / 1P
   HCMOS/TTL (VC) TCXO Oscillator
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com