Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4--23715--7 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 4--23715--7
Description  Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4--23715--7 Datasheet(HTML) 3 Page - Tyco Electronics

  4--23715--7 Datasheet HTML 1Page - Tyco Electronics 4--23715--7 Datasheet HTML 2Page - Tyco Electronics 4--23715--7 Datasheet HTML 3Page - Tyco Electronics 4--23715--7 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
408- 9414
Terminating Head 58063- 2
3
of 4
Rev B
Tyco Electronics Corporation
Figure 4
Centerline of
Conductor
Correct
Acceptable
Termination Inspection
Incorrect
Wire Was Not Inserted
Deep Enough During
Termination
Wire Was Not Inserted
Straight Before
Termination
Wire Was Not Fully
Inserted Before
Termination
Wire Was Inserted With
Too Much Force During
Termination
Damaged Housing—
Connector Was Too
Tight or Too Loose in
Head During Termination
A
A
0.84+0.10 mm
[.033+.004 in.]
Section A--A
Arms of Insulation Support
Barrel Partially Closed
Arms of Insulation Support
Barrel Completely Closed
AMPLIMITE HDE--20
Receptacle Connector
0.51 mm
[.020 in.]
Min
for the head. One inspection per month is the
recommended frequency; however, operator training
and skill, amount of use, working conditions, and
established company standards are all factors to be
considered in establishing inspection frequency.
5.2. Daily Maintenance
1. Remove dust, moisture, and other contaminants
with a clean, soft brush or lint--free cloth. DO NOT
use objects that could damage the head.
2. Make sure that all components are in place and
properly secured.
3. Make sure that the mechanisms inside the head
function smoothly.
5.3. Periodic Maintenance
1. Remove any accumulated film with a suitable
cleaning agent that will not affect plastic.
2. Check for chipped, cracked, worn, or broken
areas on the head. If damage is evident, repair or
replace the head.
6. REPLACEMENT AND REPAIR
Customer--replaceable parts are listed in Figure 5.
A complete inventory should be stocked and
controlled to prevent lost time when replacement of
parts is necessary. Parts other than those listed
should be replaced by Tyco Electronics to ensure
quality and reliability. Order replacement parts
through your representative, or call 1--800--526--5142,
or send a facsimile of your purchase order to
717--986--7605, or write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, call 1--800--526--5136.


Similar Part No. - 4--23715--7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4--23715--7 MACOM-4--23715--7 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 4--23715--7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9911 TEC-408-9911 Datasheet
86Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
Tyco Electronics
408-8394 MACOM-408-8394 Datasheet
107Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
408-10055 MACOM-408-10055 Datasheet
113Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
logo
TE Connectivity Ltd
408-10050 TEC-408-10050 Datasheet
341Kb / 8P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
logo
Tyco Electronics
408-9757 MACOM-408-9757 Datasheet
149Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
408-8590 MACOM-408-8590 Datasheet
218Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
408-8589 MACOM-408-8589 Datasheet
237Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
logo
TE Connectivity Ltd
408-7563 TEC-408-7563 Datasheet
111Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
Tyco Electronics
408-9809 MACOM-408-9809 Datasheet
122Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 4, REVISION SUMMARY.
408-9745 MACOM-408-9745 Datasheet
101Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 5, REVISION SUMMARY.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com