Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THC63LVDM87 Datasheet(PDF) 2 Page - THine Electronics, Inc.

Part # THC63LVDM87
Description  LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDM87 Datasheet(HTML) 2 Page - THine Electronics, Inc.

  THC63LVDM87_15 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDM87_15 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDM87_15 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDM87_15 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDM87_15 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDM87_15 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDM87_15 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDM87_15 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDM87_15 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
THC63LVDM87_Rev.1.00_E
Copyright©2012 THine Electronics, Inc.
1/12
THine Electronics, Inc.
Block Diagram
7
THC63LVDM87
LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
General Description
The THC63LVDM87 transmitter is designed to support
pixel data transmission between Host and Flat Panel
Display up to 1080p/WUXGA resolutions.
The THC63LVDM87 converts 28bits of CMOS/TTL
data into LVDS(Low Voltage Differential Signaling)
data stream. The transmitter can be programmed for ris-
ing edge or falling edge clocks through a dedicated pin.
At a transmit clock frequency of 160MHz, 24bits of
RGB data and 4b its of timin g and co ntrol d ata
(HSYNC, VSYNC, DE, CONT1) are transmitted at an
effective rate of 1120Mbps per LVDS channel.
Features
Low power 1.8V CMOS design
5mm x 5mm/49pin/0.65mm pitch VFBGA Package
applicable to non-HDI PCB
Wide dot clock range, 8-160MHz suited for
TV Signal: NTSC(12.27MHz) - 1080p(148.5MHz)
PC Signal: QVGA(8MHz) - WUXGA(154MHz)
Supports 1.8V single power supply
1.8V/2.5V/3.3V CMOS inputs are supported by
setting IOVCC=1.8V/2.5V/3.3V
LVDS swing is reducible by RS-pin to reduce EMI
and power consumption
PLL requires no external components
Supports spread spectrum clock generator
On chip jitter filtering
Power down mode
Input clock triggering edge is selectable by R/F-pin
PLL
TA +/-
TB +/-
TC +/-
TD +/-
TCLK +/-
R/F
/PDWN
TA0-6
TC0-6
TD0-6
TRANSMITTER
(8 to 160MHz)
TTL
/CMOS
7
RS
7
TB0-6
7
Inputs
CLOCK
(LVDS)
8-160MHz
LVDS
Outputs
(56-1120Mbit/On Each
LVDS Channel)
CLKIN
THC63LVDM87


Similar Part No. - THC63LVDM87_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDM87 THINE-THC63LVDM87 Datasheet
123Kb / 12P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM87 THINE-THC63LVDM87 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
More results

Similar Description - THC63LVDM87_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD827 THINE-THC63LVD827 Datasheet
345Kb / 19P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM87 THINE-THC63LVDM87 Datasheet
123Kb / 12P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM83E THINE-THC63LVDM83E Datasheet
333Kb / 13P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM83E THINE-THC63LVDM83E_15 Datasheet
468Kb / 14P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC36LVD827-Q THINE-THC36LVD827-Q Datasheet
941Kb / 19P
   24Bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_17 Datasheet
668Kb / 17P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_16 Datasheet
2Mb / 18P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
   24bit COLOR OPEN LDI(LVDS) TRANSMITTER
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
   24bit COLOR LVDS RECEIVER (Falling Edge Clock)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com