Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT532600RCKNJXXHC-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # TT532600RCKNJXXHC-PF
Description  TCXO/VC-TCXO, 5.0 x 3.2mm, HCMOS/TTL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TT532600RCKNJXXHC-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology

  TT532600RCKNJXXHC-PF Datasheet HTML 1Page - Advanced Crystal Technology TT532600RCKNJXXHC-PF Datasheet HTML 2Page - Advanced Crystal Technology TT532600RCKNJXXHC-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TCXO part number generation
TT53
2600
M
B
X
N
E
N
X
X
L
‐PF
ACT
series
Code
Frequency
(MHz)
Ex. 26.00MHz
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Frequency
 tuning      
(±ppm)
Output wave
Mechanical
 tuning   
(±ppm)
Polarity
Duty
 cycle
(%/%)
Tape
 & 
Reel
RoHS
TT53
< 100MHz
First 4 digit of 
frequency
> 100MHz 
First 5 digit of 
frequency
0.5 = R
1.0 = P
1.5 = O
2.0 = N
 2.5 = M
3.0 = L
2.5V = C
3.0V = E
3.3V = B
5.0V = A
   0 ~ +50 = D
‐10 ~ +60 = F
‐20 ~ +70 = B
‐30 ~ +75 = W
‐30 ~ +85 = X
‐40 ~ +85 = K
None  = NHCMOS = E
HCMOS/TTL = J
None =  XNone = X40/60 = S
45/55 = H
Loose = L
1000  = C
2000  = E
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : TT532600MBXNEXXHL‐PF [26MHz], TT531474MBXNEXXHL‐PF‐PF [14.7456MHz]
VC‐TCXO part number generation
VTT53
1474
M
B
X
E
B
X
D
P
E
Z
L
‐PF
ACT
series
Code
Frequency
(MHz)
Ex. 
14.7456MHz
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Frequency
 tuning      
(±ppm)
Output wave
Form
Mechanical
 tuning   
(±ppm)
Electrical 
tuning
(±ppm)
Polarity Linearity
Duty
 Cycle
(%/%)
Tape
 & 
Reel
RoHS 
code
VTT53
< 100MHz
First 4 digit 
of frequency
> 100MHz 
First 5 digit 
of frequency
0.5 = R
1.0 = P
1.5 = O
2.0 = N
2.5 = M
3.0 = L
2.5V = C
3.0V = E
3.3V = B
5.0V = A
   0 ~+50   = D
‐10 ~ +60 = F
‐20 ~ +70 = B
‐30~ +75 = W
‐30 ~ +85 = X
‐40 ~ +85 = K
Voltage 
Control 
Only
  = 
E
HCMOS = E
HCMOS/TTL = J
None
 =
  X
±5.0
 = 
 D
Positive 
=
P
±10%
 =
E
40/60 = S
45/55 = H
Loose = L
1000  = C
2000  = E
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : VTT531474MBXEEXDPEHL‐PF (14.7456MHz)
(V)TCT53‐4 Series
TCXO/VC‐TCXO, 5.0 x 3.2mm, HCMOS/TTL
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 


Similar Part No. - TT532600RCKNJXXHC-PF

ManufacturerPart #DatasheetDescription
logo
LEM
TT50-SD LEM-TT50-SD Datasheet
1Mb / 4P
   AC Current transformer
logo
eupec GmbH
TT500N EUPEC-TT500N Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
logo
DONGGUAN YOU FENG WEI E...
TT501F YFWDIODE-TT501F Datasheet
357Kb / 3P
   5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
TT502F YFWDIODE-TT502F Datasheet
357Kb / 3P
   5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - TT532600RCKNJXXHC-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
logo
List of Unclassifed Man...
TA62320CV ETC2-TA62320CV Datasheet
70Kb / 1P
   HCMOS/TTL (VC) TCXO Oscillator
logo
Caliber Electronics Inc...
TA61 CALIBER-TA61 Datasheet
76Kb / 1P
   HCMOS/TTL (VC) TCXO Oscillator
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com