Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T140B105K020AS4250 Datasheet(PDF) 9 Page - Kemet Corporation

Part # T140B105K020AS4250
Description  T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T140B105K020AS4250 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T140B105K020AS4250 Datasheet HTML 5Page - Kemet Corporation T140B105K020AS4250 Datasheet HTML 6Page - Kemet Corporation T140B105K020AS4250 Datasheet HTML 7Page - Kemet Corporation T140B105K020AS4250 Datasheet HTML 8Page - Kemet Corporation T140B105K020AS4250 Datasheet HTML 9Page - Kemet Corporation T140B105K020AS4250 Datasheet HTML 10Page - Kemet Corporation T140B105K020AS4250 Datasheet HTML 11Page - Kemet Corporation T140B105K020AS4250 Datasheet HTML 12Page - Kemet Corporation T140B105K020AS4250 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2034_T140_AXIAL_T242 • 6/27/2016
99
Tantalum Through-Hole Capacitors – Hermetically Sealed
T140 Series Axial MIL–PRF–39003 Polar Type and T242 (CSR23 Style)
Reverse Voltage
Althoughthesearepolarcapacitors,somedegreeoftransientvoltagereversalispermissible,asseenbelow.
Thecapacitorsshouldnotbeoperatedcontinuouslyinreversemode,evenwithintheselimits.
Temperature
Pecentage of Rated Voltage
+25°C
15
+85°C
5
+125°C
1
Mounting
AllencasedcapacitorswillpasstheResistancetoSolderingHeatTestofMIL–STD–202,Method210,ConditionC.Thistestsimulates
wavesolderoftopsideboardmountproduct.Thisdemonstrationofresistancetosolderheatisinaccordancewithwhatisbelievedto
betheindustrystandard.Moreseveretreatmentmustbeconsideredreflectiveofanimpropersolderingprocess.Theabovefigureisa
recommendedsolderwaveprofileforbothaxialandradialleadedsolidtantalumcapacitors.Construction
Construction
Detailed Cross Section
Tantalum Wire
Solder
Ta2O5 Dielectric
(First Layer)
Carbon
(Third Layer)
Silver Paint
(Fourth Layer)
MnO2
(Second Layer)
Wire Lead (-)
(100% Sn / SnPb)
Solder
Solder
Wire Lead (+)
(100% Sn / SnPb)
Anode Tube
Hermetic Seal System
(Glass Seal and Ring)
Aluminum Can
Tantalum
Aluminum Can
Hermetic Seal System
(Ring)
Tantalum Wire
Tantalum Pellet
(See Detail for Layers)
Hermetic Seal System
(Glass Seal)
Anode Tube
Wire Lead (-)
(100% Sn / SnPb)
Wire Lead (+)
(100% Sn / SnPb)


Similar Part No. - T140B105K020AS4250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T140B105K050ASC KEMET-T140B105K050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105K050BSC KEMET-T140B105K050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105K050CSC KEMET-T140B105K050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105K050DSC KEMET-T140B105K050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140B105K050MSC KEMET-T140B105K050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T140B105K020AS4250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
T32XA474M035AT KEMET-T32XA474M035AT Datasheet
576Kb / 15P
   T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
logo
Vishay Siliconix
EKSU VISHAY-EKSU Datasheet
101Kb / 6P
   Aluminum Capacitors Radial Style Non-Polar
Revision: 24-Jun-08
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Vishay Siliconix
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
   Aluminum Capacitors Axial Non-Polar Capacitor Styles
Revision: 11-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com