Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T140A105K020AS4250 Datasheet(PDF) 7 Page - Kemet Corporation

Part # T140A105K020AS4250
Description  T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T140A105K020AS4250 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T140A105K020AS4250 Datasheet HTML 3Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 4Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 5Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 6Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 7Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 8Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 9Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 10Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2034_T140_AXIAL_T242 • 6/27/2016
77
Tantalum Through-Hole Capacitors – Hermetically Sealed
T140 Series Axial MIL–PRF–39003 Polar Type and T242 (CSR23 Style)
Rated
Voltage
Rated
Cap
Case
Size
Code
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR23) Capacitors
Dash Number Reference
KEMET
Equivalent
Military
Failure Rate Level (%/1,000 Hours)
MIL–PRF–39003/3F
MIL–PRF–39003/3F
Exponential
Graded
VDC
µF
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
50
22.0
C
T140C226K050A(3)
7.0
6
0182
0282
0382
0482
5082
2082
3082
4082
T242C226K050(2)S
50
22.0
C
T140C226M050A(3)
7.0
6
0183
0283
0383
0483
5083
2083
3083
4083
T242C226M050(2)S
50
27.0
C
T140C276K050A(3)
8.0
6
0184
0284
0384
0484
5084
2084
3084
4084
T242C276K050(2)S
50
27.0
C
T140C276M050A(3)
8.0
6
50
33.0
D
T140D336K050A(3)
10.0
6
0185
0285
0385
0485
5085
2085
*
*
T242D336K050(2)S
50
33.0
D
T140D336M050A(3)
10.0
6
0186
0286
0386
0486
5086
2086
*
*
T242D336M050(2)S
50
39.0
D
T140D396K050A(3)
10.0
6
0187
0287
0387
0487
5087
2087
*
*
T242D396K050(2)S
50
39.0
D
T140D396M050A(3)
10.0
6
50
47.0
D
T140D476M050A(3)
10.0
6
60
0.82
A
T140A824(1)060A(3)
0.5
4
60
1.0
A
T140A105(1)060A(3)
0.5
4
60
4.7
B
T140B475(1)060A(3)
3.0
4
60
5.6
B
T140B565(1)060A(3)
3.0
4
60
15.0
C
T140C156(1)060A(3)
5.0
6
60
18.0
C
T140C186(1)060A(3)
6.0
6
60
22.0
C
T140C226(1)060A(3)
7.0
6
60
27.0
D
T140D276(1)060A(3)
10.0
6
60
33.0
D
T140D336(1)060A(3)
10.0
6
VDC
µF
Case
Size
Code
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
Rated
Voltage
Rated
Cap
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR23) Capacitors
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ± 10%. Designates capacitance tolerance.
(2) To complete KEMET part number (T242), insert failure rate code from Ordering Information table.
(3) To complete KEMET T140 Part Number, insert Lead Material designator: S – Standard or T – 100% Matte Tin. Designates termination finish.


Similar Part No. - T140A105K020AS4250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T140A105K050ASC KEMET-T140A105K050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105K050BSC KEMET-T140A105K050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105K050CSC KEMET-T140A105K050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105K050DSC KEMET-T140A105K050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105K050MSC KEMET-T140A105K050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T140A105K020AS4250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
T32XA474M035AT KEMET-T32XA474M035AT Datasheet
576Kb / 15P
   T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
logo
Vishay Siliconix
EKSU VISHAY-EKSU Datasheet
101Kb / 6P
   Aluminum Capacitors Radial Style Non-Polar
Revision: 24-Jun-08
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Vishay Siliconix
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
   Aluminum Capacitors Axial Non-Polar Capacitor Styles
Revision: 11-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com