Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS322600RDXNBXXZL-PF Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # TS322600RDXNBXXZL-PF
Description  TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TS322600RDXNBXXZL-PF Datasheet(HTML) 2 Page - Advanced Crystal Technology

  TS322600RDXNBXXZL-PF Datasheet HTML 1Page - Advanced Crystal Technology TS322600RDXNBXXZL-PF Datasheet HTML 2Page - Advanced Crystal Technology TS322600RDXNBXXZL-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TCXO part number generation
TS32
2600
M
B
X
N
B
N
X
Z
L
‐PF
ACT
series
Code
Frequency
(MHz)
Ex. 26.00MHz
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Frequency
 tuning       
(±ppm)
Output 
wave
Mechanical
 tuning   
(±ppm)
Polarity
Duty
 Cycle
Tape
 & 
Reel
RoHS
Code
TS32
< 100MHz
First 4 digit of 
frequency 
> 100MHz 
First 5 digit of 
frequency 
0.5 = R
1.0 = P
1.5 = O
2.0 = N
2.5 = M
3.0 = L
1.8V = D
2.5V = C
3.0V = E
3.3V = B
   0 ~ 50    = D
‐10 ~ +60 = F
‐20 ~ +70 = B
‐30 ~ +75 = W
‐30 ~ +85 = X
‐40 ~ +85 = K
None  = NCSW  = BNone =  XNone = XNot 
Specified
=
 Z
Loose = L
1000  = C
3000  = D
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example part number : TS322600MBXNBXXZL‐PF [26MHz], TS321474MBXNBXXZL‐PF [14.7456MHz]
VC‐TCXO part number generation
VTS32
1474
M
B
X
N
B
X
D
P
E
Z
L
‐PF
ACT
series
Code
Frequency
(MHz)
Ex. 
14.7456MHz
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Frequency
 tuning      
(±ppm)
Output 
wave
Form
Mechanical
 tuning   
(±ppm)
Electrical 
tuning
(±ppm)
Polarity Linearity
Duty
 Cycle
Tape
 & 
Reel
RoHS 
code
VTS32
< 100MHz
First 4 digit 
of frequency
> 100MHz 
First 5 digit 
of frequency
0.5 = R
1.0 = P
1.5 = O
2.0 = N
2.5 = M
3.0 = L
1.8V = D
2.5V = C
3.0V = E
3.3V = B
   0 ~ 50   = D
‐10 ~ +60 = F
‐20 ~ +70 = B
‐30~ +75 = W
‐30 ~ +85 = X
‐40 ~ +85 = K
Voltage 
control 
only
  = 
E
CSW
 =
 B
None
 =
  X
±5.0  =  D
±10.0 = F
Positive 
=
P
±10%
 =
E
Not 
Specified 
=
Z
Loose = L
1000  = C
3000  = D
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full example part number : VTS321474MBXEBXDPEZL‐PF (14.7456MHz)
(V)TSK3225 Series
TCXO/VC‐TCXO, 3.2 x 2.5mm, Clipped sine wave
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 


Similar Part No. - TS322600RDXNBXXZL-PF

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
TS3200S ZSELEC-TS3200S Datasheet
143Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Transcend Information. ...
TS320GSJ25C TRANSCEND-TS320GSJ25C Datasheet
106Kb / 3P
   SATA HDD Enclosure
TS320GSJ25F TRANSCEND-TS320GSJ25F Datasheet
364Kb / 2P
   External HDD
TS320GSJ25P TRANSCEND-TS320GSJ25P Datasheet
156Kb / 3P
   SATA HDD Enclosure
logo
Zibo Seno Electronic En...
TS320S ZSELEC-TS320S Datasheet
143Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Similar Description - TS322600RDXNBXXZL-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
QUARTZCOM the communica...
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
QUARTZCOM the communica...
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
   Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
   TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com