Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS3.241 Datasheet(PDF) 1 Page - PULS GmbH

Part No. QS3.241
Description  24V, 3.4A, SINGLE PHASE INPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS3.241 Datasheet(HTML) 1 Page - PULS GmbH

  QS3.241 Datasheet HTML 1Page - PULS GmbH QS3.241 Datasheet HTML 2Page - PULS GmbH QS3.241 Datasheet HTML 3Page - PULS GmbH QS3.241 Datasheet HTML 4Page - PULS GmbH QS3.241 Datasheet HTML 5Page - PULS GmbH QS3.241 Datasheet HTML 6Page - PULS GmbH QS3.241 Datasheet HTML 7Page - PULS GmbH QS3.241 Datasheet HTML 8Page - PULS GmbH QS3.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
QS3.241
Q-Series
24V, 3.4A, SINGLE PHASE INPUT
POWER SUPPLY
AC 100-240V Wide-range Input
Width only 32mm
Efficiency up to 90%
150% (120W) Peak Load Capability
Easy Fuse Tripping due to High Overload Current
Negligible low Inrush Current Surge
Short-term Operation down to 60Vac and up to 300Vac
Full Power Between -25°C and +60°C
Quick-connect Spring-clamp Terminals
3 Year Warranty
1/25
GENERAL DESCRIPTION
The
most outstanding features of this Dimension Q-
Series DIN-rail power supply are the high efficiency and
the small size, which are achieved by a synchronous
rectification and further novel design details. The Q-
Series is part of the Dimension family, existing alongside
the lower featured C-Series.
With short-term peak power capability of 150% and
built-in large sized output capacitors, these features
help start motors, charge capacitors and absorb reverse
energy and often allow a unit of a lower wattage class
to be used.
High immunity to transients and power surges as well as
low electromagnetic emission makes usage in nearly
every environment possible.
The integrated output power manager, a wide range
input voltage design and virtually no input inrush
current make installation and usage simple. Diagnostics
are easy due to a green DC-ok LED and red overload
LED.
Unique quick-connect spring-clamp terminals allow a
safe and fast installation and a large international
approval package for a variety of applications makes
this unit suitable for nearly every situation.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 - 28V
Output current
3.4 – 3.0A
continuous
5 – 4.5A
for typ. 4s
Output power
80W
continuous
120W
for typ. 4s
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
AC 100-240V
±15%
Mains frequency
50-60Hz
±6%
AC Input current
1.42 / 0.82A
at 120 / 230Vac
Power factor
0.53 / 0.47
at 120 / 230Vac
AC Inrush current
typ. 5 / 10A peak at 120 / 230Vac
Efficiency
88.7 / 90.0%
at 120 / 230Vac
Losses
10.4 / 9.1W
at 120 / 230Vac
Temperature range -25°C to +70°C
operational
Derating
2W/°C
+60 to +70°C
Hold-up time
typ. 41 / 174ms
at 120 / 230Vac
Dimensions
32x124x102mm
WxHxD
ORDER NUMBERS
Power Supply
QS3.241
24-28V Standard unit
Accessory
ZM1.WALL
Wall mount bracket
ZM11.SIDE
Side mount bracket
YRM2.DIODE
Redundancy module
UF20.241
Buffer unit
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
Marine
EMC, LVD
Nov. 2011 / Rev. 2.1 DS-QS3.241-EN
All parameters are specified at 24V, 3.4A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn