Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS3.241 Datasheet(PDF) 5 Page - PULS GmbH

Part No. QS3.241
Description  24V, 3.4A, SINGLE PHASE INPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS3.241 Datasheet(HTML) 5 Page - PULS GmbH

  QS3.241 Datasheet HTML 1Page - PULS GmbH QS3.241 Datasheet HTML 2Page - PULS GmbH QS3.241 Datasheet HTML 3Page - PULS GmbH QS3.241 Datasheet HTML 4Page - PULS GmbH QS3.241 Datasheet HTML 5Page - PULS GmbH QS3.241 Datasheet HTML 6Page - PULS GmbH QS3.241 Datasheet HTML 7Page - PULS GmbH QS3.241 Datasheet HTML 8Page - PULS GmbH QS3.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
QS3.241
Q-Series
24V, 3.4A, SINGLE PHASE INPUT
4. DC-INPUT
DC input
nom.
DC 110-300V
-20%/+25%
DC input range
min.
88-375Vdc
continuous operation
DC input current
typ.
0.8A / 0.29A
110Vdc / 300Vdc, at 24V, 3.4A
Allowed Voltage L/N to Earth
max.
375Vdc
IEC 62103
Turn-on voltage
typ.
61Vdc
steady state value
Shut-down voltage
typ.
47Vdc
steady state value
Fig. 4-1 Wiring for DC Input
Instructions for DC use:
+
-
Load
L
PE
+
-
Power Supply
AC
DC
Battery
N
a) Use a battery or similar DC source.
For other sources contact PULS
b) Connect +pole to L and –pole to N.
c) Connect the PE terminal to a earth wire or to the machine
ground.
5. INPUT INRUSH CURRENT
An active inrush limitation circuit limits the input inrush current after turn-on of the input voltage and after short
input voltage interruptions.
The charging current into EMI suppression capacitors is disregarded in the first microseconds after switch-on.
AC 100V
AC 120V
AC 230V
Inrush current
max.
6Apeak
7Apeak
13Apeak
over entire temperature range
typ.
4.5Apeak
5Apeak
10Apeak
over entire temperature range
Inrush energy
max.
2A2s
2A2s
2A2s
over entire temperature range
Fig. 5-1 Input inrush current, typical behavior
Input Current
Input Voltage
Output Voltage
Input:
230Vac
Output:
24V, 3.4A
Ambient:
25°C
Upper curve:
Input current 5A / DIV
Middle curve:
Input voltage 500V / DIV
Lower curve:
Output voltage 20V / DIV
Time basis:
100ms / DIV
Nov. 2011 / Rev. 2.1 DS-QS3.241-EN
All parameters are specified at 24V, 3.4A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/25


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn