Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS3.241 Datasheet(PDF) 4 Page - PULS GmbH

Part No. QS3.241
Description  24V, 3.4A, SINGLE PHASE INPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS3.241 Datasheet(HTML) 4 Page - PULS GmbH

  QS3.241 Datasheet HTML 1Page - PULS GmbH QS3.241 Datasheet HTML 2Page - PULS GmbH QS3.241 Datasheet HTML 3Page - PULS GmbH QS3.241 Datasheet HTML 4Page - PULS GmbH QS3.241 Datasheet HTML 5Page - PULS GmbH QS3.241 Datasheet HTML 6Page - PULS GmbH QS3.241 Datasheet HTML 7Page - PULS GmbH QS3.241 Datasheet HTML 8Page - PULS GmbH QS3.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
QS3.241
Q-Series
24V, 3.4A, SINGLE PHASE INPUT
3. AC-INPUT
AC input
nom.
AC 100-240V
suitable for TN-, TT- and IT mains networks
AC input range
min.
85-276Vac
continuous operation
min.
60-85Vac
full power for 200ms, no damage between 0 and 85Vac
min.
276-300Vac
< 500ms
Allowed voltage L or N to earth
max.
276Vac
continuous, IEC 62103
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
61Vac
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
58Vac
steady-state value, see Fig. 3-1
AC 100V
AC 120V
AC 230V
Input current
typ.
1.67A
1.42A
0.82A
at 24V, 3.4A, see Fig. 3-3
Power factor *)
typ.
0.55
0.53
0.47
at 24V, 3.4A, see Fig. 3-4
Crest factor **)
typ.
3.33
3.9
3.88
at 24V, 3.4A
Start-up delay
typ.
360ms
350ms
330ms
see Fig. 3-2
Rise time
typ.
6ms
5ms
7ms
0mF, 24V, 3.4A, see Fig. 3-2
typ.
20ms
20ms
22ms
3.4mF, 24V, 3.4A, see Fig. 3-2
Turn-on overshoot
max.
100mV
100mV
100mV
see Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
85V
Rated
input range
max.
500ms
V
IN
P
OUT
60V
300Vac
276V
full
power
for
200ms
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output load at 24V
Fig. 3-4 Power factor vs. output load
0.5
1.5
1.0
2.0
2.5
3.0 3.5A
0
0.3
0.6
0.9
1.2
1.5
1.8A
Output Current
Input
Current, typ.
230V
ac
120
Va
c
10
0V
ac
Power
Factor, typ.
0.5
1.0
1.5
2.0
3.5A
0.35
0.4
0.45
0.5
0.55
0.6
Output Current
120V
ac
230Vac
2.5
3.0
100
Vac
Nov. 2011 / Rev. 2.1 DS-QS3.241-EN
All parameters are specified at 24V, 3.4A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/25


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn