Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS3.241 Datasheet(PDF) 19 Page - PULS GmbH

Part No. QS3.241
Description  24V, 3.4A, SINGLE PHASE INPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS3.241 Datasheet(HTML) 19 Page - PULS GmbH

Back Button QS3.241 Datasheet HTML 15Page - PULS GmbH QS3.241 Datasheet HTML 16Page - PULS GmbH QS3.241 Datasheet HTML 17Page - PULS GmbH QS3.241 Datasheet HTML 18Page - PULS GmbH QS3.241 Datasheet HTML 19Page - PULS GmbH QS3.241 Datasheet HTML 20Page - PULS GmbH QS3.241 Datasheet HTML 21Page - PULS GmbH QS3.241 Datasheet HTML 22Page - PULS GmbH QS3.241 Datasheet HTML 23Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
QS3.241
Q-Series
24V, 3.4A, SINGLE PHASE INPUT
22.3. UF20.241 BUFFER MODULE
19/25
er
t.
This buffer unit is a supplementary device for DC 24V power supplies. It delivers power to bridge typical mains failures
or extends the hold-up time after turn-off
of the AC power. In times when the pow
supply provides sufficient voltages, the
buffer unit stores energy in integrated
electrolytic capacitors. In case of mains
voltage fault, this energy is released again
in a regulated process. One buffer module can deliver 20A additional curren
DC
Buffer
Unit(s)
Power
Supply
Load
AC
+
-
The buffer unit does not require any control wiring. It can be added in parallel to
the load circuit at any given point. Buffer units can be added in parallel to increase
the output ampacity or the hold-up time.
22.4. YRM2.DIODE REDUNDANCY MODULE
Failure
Monitor
24V,3.4A
Load
optional
I
I
L
N
PE
YRM2.DIODE
Redundancy Module
+
-
Output
+
-
IN 1
+
-
IN 2
IN 1IN 2
L N PE
+ +
- -
QS3.241
Power
Supply
24V,3.4A
L N PE
+ +
- -
QS3.241
Power
Supply
24V,3.4A
The YRM2.DIODE is a dual redundancy module, which has two
diodes as decoupling devices
included. It can be used for
various purposes. The most
popular application is to
configure highly reliable and
true redundant power supply
systems. Another interesting
application is the separation of
sensitive loads from non-
sensitive loads. This avoids the
distortion of the power quality
for the sensitive loads which
can cause controller failures.
Nov. 2011 / Rev. 2.1 DS-QS3.241-EN
All parameters are specified at 24V, 3.4A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn