Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS3.241 Datasheet(PDF) 12 Page - PULS GmbH

Part No. QS3.241
Description  24V, 3.4A, SINGLE PHASE INPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS3.241 Datasheet(HTML) 12 Page - PULS GmbH

Back Button QS3.241 Datasheet HTML 8Page - PULS GmbH QS3.241 Datasheet HTML 9Page - PULS GmbH QS3.241 Datasheet HTML 10Page - PULS GmbH QS3.241 Datasheet HTML 11Page - PULS GmbH QS3.241 Datasheet HTML 12Page - PULS GmbH QS3.241 Datasheet HTML 13Page - PULS GmbH QS3.241 Datasheet HTML 14Page - PULS GmbH QS3.241 Datasheet HTML 15Page - PULS GmbH QS3.241 Datasheet HTML 16Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
QS3.241
Q-Series
24V, 3.4A, SINGLE PHASE INPUT
12. FRONT SIDE AND USER ELEMENTS
Fig. 12-1 Front side
A
Input Terminals (Quick-connect spring-clamp terminals)
N, L
Line input
PE (Protective Earth) input
B
Output Terminals (Quick-connect spring-clamp terminals, two pins per pole)
+
Positive output
Negative (return) output
C
Output voltage potentiometer
Multi turn potentiometer;
Open the flap to adjust the output voltage. Factory set: 24.1V
D DC-OK LED (green)
On, when the output voltage is >90% of the adjusted output voltage
E
Overload LED (red)
On, when the voltage on the output terminals is <90% of the adjusted output
voltage, or in case of a short circuit in the output.
Input voltage is required
Flashing, when the unit has switched off due to over-temperature.
Indicators, LEDs
Overload LED
DC-OK LED
Normal mode
OFF
ON
During BonusPower®
OFF
ON
Overload (VOUT < 90%)
ON
OFF
Output short circuit
ON
OFF
Temperature Shut-down
Intermitted
Intermitted
No input power
OFF
OFF
Nov. 2011 / Rev. 2.1 DS-QS3.241-EN
All parameters are specified at 24V, 3.4A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
12/25


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn