Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QS3.241 Datasheet(PDF) 10 Page - PULS GmbH

Part No. QS3.241
Description  24V, 3.4A, SINGLE PHASE INPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS3.241 Datasheet(HTML) 10 Page - PULS GmbH

Back Button QS3.241 Datasheet HTML 6Page - PULS GmbH QS3.241 Datasheet HTML 7Page - PULS GmbH QS3.241 Datasheet HTML 8Page - PULS GmbH QS3.241 Datasheet HTML 9Page - PULS GmbH QS3.241 Datasheet HTML 10Page - PULS GmbH QS3.241 Datasheet HTML 11Page - PULS GmbH QS3.241 Datasheet HTML 12Page - PULS GmbH QS3.241 Datasheet HTML 13Page - PULS GmbH QS3.241 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
QS3.241
Q-Series
24V, 3.4A, SINGLE PHASE INPUT
9. RELIABILITY
AC 100V
AC 120V
AC 230V
Lifetime expectancy *)
48 000h
62 000h
79 000h
at 24V, 3.4A and 40°C
117 000h
126 000h
114 000h
at 24V, 1.7A and 40°C
137 000h*)
177 000h*)
224 000h*)
at 24V, 3.4A and 25°C
MTBF **) SN 29500, IEC 61709
1 191 000h
1 265 000h
1 451 000h
at 24V, 3.4A and 40°C
2 061 000h
2 155 000h
2 436 000h
at 24V, 3.4A and 25°C
MTBF **) MIL HDBK 217F
581 000h
631 000h
643 000h
at 24V, 3.4A and 40°C; Ground
Benign GB40
812 000h
889 000h
912 000h
at 24V, 3.4A and 25°C; Ground
Benign GB25
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors only guarantees a maximum life of up to 15 years
(131 400h). Any number exceeding this value is a calculated theoretical lifetime which can be used to compare devices.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
Nov. 2011 / Rev. 2.1 DS-QS3.241-EN
All parameters are specified at 24V, 3.4A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/25


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn