Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33887DWBR2 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC33887DWBR2
Description  5.0 A H-Bridge with Load Current Feedback
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33887DWBR2 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC33887DWBR2 Datasheet HTML 2Page - Motorola, Inc MC33887DWBR2 Datasheet HTML 3Page - Motorola, Inc MC33887DWBR2 Datasheet HTML 4Page - Motorola, Inc MC33887DWBR2 Datasheet HTML 5Page - Motorola, Inc MC33887DWBR2 Datasheet HTML 6Page - Motorola, Inc MC33887DWBR2 Datasheet HTML 7Page - Motorola, Inc MC33887DWBR2 Datasheet HTML 8Page - Motorola, Inc MC33887DWBR2 Datasheet HTML 9Page - Motorola, Inc MC33887DWBR2 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
33887
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
.
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage
V+
40
V
Input Voltage (Note 1)
VIN
-0.3 to 7.0
V
FS Status Output (Note 2)
V FS
7.0
V
Continuous Current (Note 3)
IOUT
5.0
A
DH Suffix HSOP ESD Voltage
Human Body Model (Note 4)
Each Terminal to AGND
Each Terminal to PGND
Each Terminal to V+
Each I/O to All Other I/Os
Machine Model (Note 5)
VESD1
VESD1
VESD1
VESD1
VESD2
±1000
±1500
±2000
±2000
±200
V
VW Suffix HSOP ESD Voltage
Human Body Model (Note 4)
Machine Model (Note 5)
VESD1
VESD2
±2000
±200
V
PQFN ESD Voltage
Human Body Model (Note 4)
Machine Model (Note 5)
VESD1
VESD2
±2000
±200
V
SOICW-EP ESD Voltage
Human Body Model (Note 4)
Machine Model (Note 5)
VESD1
VESD2
±1600
±200
V
THERMAL RATINGS
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature (Note 6)
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Peak Package Reflow Temperature During Solder Mounting (Note 7)
HSOP
PQFN
SOICW-EP
TSOLDER
220
260
240
°C
Notes
1.
Exceeding the input voltage on IN1, IN2, EN, D1, or D2 may cause a malfunction or permanent damage to the device.
2.
Exceeding the pullup resistor voltage on the open Drain FS terminal may cause permanent damage to the device.
3.
Continuous current capability so long as junction temperature is
≤ 150
°C.
4.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
5.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
6.
The limiting factor is junction temperature, taking into account the power dissipation, thermal resistance, and heat sinking provided. Brief
nonrepetitive excursions of junction temperature above 150
°C can be tolerated as long as duration does not exceed 30 seconds maximum.
(nonrepetitive events are defined as not occurring more than once in 24 hours.)
7.
Terminal soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33887DWBR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33887DWBR2 FREESCALE-MC33887DWBR2 Datasheet
856Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
MC33887DWBR2 FREESCALE-MC33887DWBR2 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - MC33887DWBR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33887 FREESCALE-33887 Datasheet
856Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com