Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC34710EWR2 Datasheet(PDF) 8 Page - Motorola, Inc

Part # PC34710EWR2
Description  Adjustable Dual Output Switching Power Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC34710EWR2 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button PC34710EWR2 Datasheet HTML 4Page - Motorola, Inc PC34710EWR2 Datasheet HTML 5Page - Motorola, Inc PC34710EWR2 Datasheet HTML 6Page - Motorola, Inc PC34710EWR2 Datasheet HTML 7Page - Motorola, Inc PC34710EWR2 Datasheet HTML 8Page - Motorola, Inc PC34710EWR2 Datasheet HTML 9Page - Motorola, Inc PC34710EWR2 Datasheet HTML 10Page - Motorola, Inc PC34710EWR2 Datasheet HTML 11Page - Motorola, Inc PC34710EWR2 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
34710
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
8
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.75 V ≤ VIO 5.25 V, 12 V VB+ 32 V, and 0°C TJ 105°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted
Characteristic
Symbol
Min
Typ
Max
Unit
VI/O SWITCHING REGULATOR
Duty Cycle
D
45
55
%
Switching Rise and Fall Time
Load Resistance = 100
Ω, VB+ = 30 V
tr, tf
25
ns
Switching Rise and Fall Time
Load Resistance = 100
Ω, VB+ = 30 V
tr + tf
––
50
ns
SUPERVISOR CIRCUITRY
RST
Delay
Cdelay = 0.1 µF
tdelay
48
82
ms
RST
Filter Time
VB+ = 9.0 V
tfilter
1.0
6.0
µs
RST
Fall Time
CL = 100 pF, RPULLUP = 4.7 kΩ, 90% to 10%
tf
125
ns
External Low (Note 12)
VI/O = 5.0 V
tslpl
(Note 13)
30
ns
RST
Recovery Time Before Next RST Input (Note 12)
VI/O = 5.0 V
tphsl
10
µs
INTERNAL OSCILLATOR
Charge Pump and VI/O Switching Regulator Operating Frequency
VB+ = 9.0 V to 32 V
fOP
140
260
kHz
Notes
12.
See Figure 2, RST Timing, page 9.
13.
tslpl is an input.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC34710EWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC34709VK FREESCALE-PC34709VK Datasheet
4Mb / 142P
   Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PC34709VKR2 FREESCALE-PC34709VKR2 Datasheet
4Mb / 142P
   Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
More results

Similar Description - PC34710EWR2

ManufacturerPart #DatasheetDescription
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
VD-120A CUI-VD-120A Datasheet
132Kb / 2P
   dual output switching power supply
VSBU-120-D CUI-VSBU-120-D Datasheet
212Kb / 3P
   Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD25 ASTRODYNE-PD25 Datasheet
600Kb / 4P
   25W Dual Output Switching Power Supply
PD45 ASTRODYNE-PD45 Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-65 TOTAL-POWER-RD-65 Datasheet
499Kb / 2P
   65W Dual Output Switching Power Supply
RD-85 TOTAL-POWER-RD-85 Datasheet
459Kb / 2P
   85W Dual Output Switching Power Supply
RID-85 TOTAL-POWER-RID-85 Datasheet
471Kb / 2P
   85W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD-35 ASTRODYNE-RD-35 Datasheet
450Kb / 2P
   35W Dual Output Switching Power Supply
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com