Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33984PNA Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC33984PNA
Description  Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33984PNA Datasheet(HTML) 1 Page - Motorola, Inc

  MC33984PNA Datasheet HTML 1Page - Motorola, Inc MC33984PNA Datasheet HTML 2Page - Motorola, Inc MC33984PNA Datasheet HTML 3Page - Motorola, Inc MC33984PNA Datasheet HTML 4Page - Motorola, Inc MC33984PNA Datasheet HTML 5Page - Motorola, Inc MC33984PNA Datasheet HTML 6Page - Motorola, Inc MC33984PNA Datasheet HTML 7Page - Motorola, Inc MC33984PNA Datasheet HTML 8Page - Motorola, Inc MC33984PNA Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Motorola, Inc. 2004
Document order number: MC33984
Rev 4.0, 09/2004
33984
Advance Information
Simplified Application Diagram
33984
VDD
VDD
MCU
VDD
V
PWR
I/O
FS
I/O
SO
SCLK
SI
CS
I/O
I/O
IN0
I/O
IN1
A/D
CSNS
FSI
HS0
GND
GND
GND
VDD
V
PWR
PWR GND
WAKE
SI
SCLK
SO
RST
CS
LOAD
HS1
LOAD
Dual Intelligent High-Current
Self-Protected Silicon High-Side
Switch (4.0 m
Ω)
The 33984 is a dual self-protected 4.0 m
Ω silicon switch used to replace
electromechanical relays, fuses, and discrete devices in power management
applications. The 33984 is designed for harsh environments, and it includes
self-recovery features. The device is suitable for loads with high inrush current,
as well as motors and all types of resistive and inductive loads.
Programming, control, and diagnostics are implemented via the Serial
Peripheral Interface (SPI). A dedicated parallel input is available for alternate
and pulse-width modulation (PWM) control of each output. SPI-programmable
fault trip thresholds allow the device to be adjusted for optimal performance in
the application.
The 33984 is packaged in a power-enhanced 12 x 12 nonleaded PQFN
package with exposed tabs.
Features
•Dual 4.0 m
Ω Max High-Side Switch with Parallel Input or SPI Control
• 6.0 V to 27 V Operating Voltage with Standby Currents < 5.0
µA
• Output Current Monitoring with Two SPI-Selectable Current Ratios
• SPI Control of Overcurrent Limit, Overcurrent Fault Blanking Time,
Output-OFF Open Load Detection, Output ON/OFF Control, Watchdog
Timeout, Slew Rates, and Fault Status Reporting
• SPI Status Reporting of Overcurrent, Open and Shorted Loads,
Overtemperature, Undervoltage and Overvoltage Shutdown, Fail-Safe
Pin Status, and Program Status
• Enhanced -16 V Reverse Polarity VPWR Protection
DUAL HIGH-SIDE SWITCH
4.0 m
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33984PNA/R2
-40
°C to 125°C
16 PQFN
33984 Simplified Application Diagram
SCALE 1:1
Bottom View
PNA SUFFIX
CASE 1402-02
16-TERMINAL PQFN (12 x 12)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33984PNA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
MC33984BPNA FREESCALE-MC33984BPNA Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
MC33984BPNA/R2 FREESCALE-MC33984BPNA/R2 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
MC33984BPNAR2 FREESCALE-MC33984BPNAR2 Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
MC33984CHFK FREESCALE-MC33984CHFK Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
More results

Similar Description - MC33984PNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
Freescale Semiconductor...
33988 FREESCALE-33988 Datasheet
1Mb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com