Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8101-F4-AX Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS8101-F4-AX
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8101-F4-AX Datasheet(HTML) 4 Page - California Eastern Labs

  PS8101-F4-AX Datasheet HTML 1Page - California Eastern Labs PS8101-F4-AX Datasheet HTML 2Page - California Eastern Labs PS8101-F4-AX Datasheet HTML 3Page - California Eastern Labs PS8101-F4-AX Datasheet HTML 4Page - California Eastern Labs PS8101-F4-AX Datasheet HTML 5Page - California Eastern Labs PS8101-F4-AX Datasheet HTML 6Page - California Eastern Labs PS8101-F4-AX Datasheet HTML 7Page - California Eastern Labs PS8101-F4-AX Datasheet HTML 8Page - California Eastern Labs PS8101-F4-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet PN10260EJ06V0DS
4
PS8101
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 16 mA
1.7
2.2
V
Reverse Current
IR
VR = 3 V
10
µA
Forward Voltage
Temperature Coefficient
VF/TA IF = 16 mA
−2.1
mV/
°C
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
30
pF
Detector
High Level Output Current
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
3
500
nA
High Level Output Current
IOH (2)
IF = 0 mA, VCC = VO = 30 V
100
µA
Low Level Output Voltage
VOL
IF = 16 mA, VCC = 4.5 V, IO = 1.2 mA
0.1
0.4
V
Low Level Supply Current
ICCL
IF = 16 mA, VO = open, VCC = 30 V
50
µA
High Level Supply Current
ICCH
IF = 0 mA, VO = open, VCC = 30 V
0.01
2
Coupled
Current Transfer Ratio
*1
CTR
IF = 16 mA, VCC = 4.5 V, VO = 0.4 V
15
20
35
%
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Propagation Delay Time
(H
→ L)*2
tPHL
IF = 16 mA, VCC = 5 V, RL = 2.2 k
Ω,
CL = 15 pF
0.5
0.8
µs
Propagation Delay Time
(L
→ H)*2
tPLH
0.6
1.2
Common Mode
Transient Immunity at
High Level Output
*3
CMH
IF = 0 mA, VCC = 5 V, RL = 4.1 k
Ω,
VCM = 1.5 kV
15
kV/
µs
Common Mode
Transient Immunity at
Low Level Output
*3
CML
IF = 16 mA, VCC = 5 V, RL = 4.1 k
Ω,
VCM = 1.5 kV
−15
*1 CTR rank
K : 20 to 35 (%)
N : 15 to 35 (%)
<R>
<R>


Similar Part No. - PS8101-F4-AX

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101-F4-AX NEC-PS8101-F4-AX Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101-F4-AX CEL-PS8101-F4-AX Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS8101-F4-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9123 CEL-PS9123 Datasheet
529Kb / 14P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com