Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFBC40 Datasheet(PDF) 5 Page - Harris Corporation

Part No. IRFBC40
Description  6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HARRIS [Harris Corporation]
Homepage  http://www.harris.com
Logo 

IRFBC40 Datasheet(HTML) 5 Page - Harris Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5-5
IRFBC40, IRFBC42
FIGURE 8. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 13. TRANSCONDUCTANCE vs DRAIN CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
VSD, SOURCE TO DRAIN VOLTAGE (V)
102
10
1
0.1
0
0.3
0.6
0.9
1.2
1.5
TJ = 150
oC
TJ = 25
oC
24
ID, DRAIN CURRENT (A)
612
18
030
5.0
4.0
3.0
0
2.0
VGS = 20V
1.0
VGS = 10V
80
µs PULSE TEST
0
3.0
1.8
0.6
80
-60
TJ, JUNCTION TEMPERATURE (
oC)
2.4
1.2
0
60
120
160
-20
-40
20
40
100
140
ID = 3.4A
VGS = 10V
1.25
1.05
0.85
60
-60
TJ, JUNCTION TEMPERATURE (
oC)
1.15
0.95
0.75
-20
20
100
160
0
-40
40
80
120 140
ID = 250µA
0
2
10
20
50
102
VDS, DRAIN TO SOURCE VOLTAGE (V)
3000
2400
1800
1200
600
0
5
CRSS
CISS
COSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
ID, DRAIN CURRENT (A)
24
6
8
010
10
8
6
0
4
80
µs PULSE TEST
2
VDS ≥ 100V
TJ = 150
oC
TJ = 25
oC


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn