Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX96709 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX96709
Description  14-Bit GMSL Serializer with High-Immunity Mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96709 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX96709 Datasheet HTML 10Page - Maxim Integrated Products MAX96709 Datasheet HTML 11Page - Maxim Integrated Products MAX96709 Datasheet HTML 12Page - Maxim Integrated Products MAX96709 Datasheet HTML 13Page - Maxim Integrated Products MAX96709 Datasheet HTML 14Page - Maxim Integrated Products MAX96709 Datasheet HTML 15Page - Maxim Integrated Products MAX96709 Datasheet HTML 16Page - Maxim Integrated Products MAX96709 Datasheet HTML 17Page - Maxim Integrated Products MAX96709 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
(VAVDD = VDVDD = 1.8V, TA = +25°C, unless otherwise noted.)
0
10
20
30
40
50
60
70
0
5
10
15
20
25
STP CABLE LENGTH (m)
MAXIMUM PIXEL CLOCK FREQUENCY vs.
STP CABLE LENGTH
(BER < 10-10)
toc07
BER CAN BE AS LOW AS 10-12 FOR
CABLE LENGTHS LESS THAN 15m
AEQ
NO EQ
4.3dB EQ
9.7dB EQ
NO PE, DBL = 0
0
10
20
30
40
50
60
70
0
10
20
30
40
COAX CABLE LENGTH (m)
MAXIMUM PIXEL CLOCK FREQUENCY vs.
COAX CABLE LENGTH (BER < 10-10)
toc08
BER CAN BE AS LOW AS 10-12 FOR
CABLE LENGTHS LESS THAN 15m
AEQ
NO EQ
4.3dB EQ
NO PE, DBL = 0
100mV/div
toc09
200ps/div
SERIAL LINK SWITCHING PATTERN
WITH 4.4dB PREEMPHASIS
(1.5Gbps, 10m STP CABLE)
50mV/div
toc10
200ps/div
SERIAL LINK SWITCHING PATTERN
WITH 3.3dB PREEMPHASIS
(1.5Gbps, 20m COAX CABLE)
Typical Operating Characteristics (continued)
Maxim Integrated │ 14
www.maximintegrated.com
MAX96709
14-Bit GMSL Serializer with High Mode
and Coax/STP Cable Drive


Similar Part No. - MAX96709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX96709 MAXIM-MAX96709 Datasheet
5Mb / 33P
   MAX96707/MAX96709 with Coax or STP Cable
19-4482; Rev 0; 4/16
MAX96709COAXEVKIT# MAXIM-MAX96709COAXEVKIT# Datasheet
5Mb / 33P
   MAX96707/MAX96709 with Coax or STP Cable
19-4482; Rev 0; 4/16
More results

Similar Description - MAX96709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX96711 MAXIM-MAX96711 Datasheet
2Mb / 84P
   14-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
19-8471; Rev 2; 2/17
MAX96701 MAXIM-MAX96701 Datasheet
1Mb / 75P
   14-Bit GMSL Serializer with High-Immunity/Bandwidth Mode and Coax/STP Cable Drive
2017
MAX96707 MAXIM-MAX96707 Datasheet
2Mb / 75P
   14-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
19-7766; Rev 1; 8/21
MAX96705A MAXIM-MAX96705A Datasheet
1Mb / 83P
   16-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
2017
MAX96708 MAXIM-MAX96708 Datasheet
1Mb / 68P
   14-Bit GMSL Deserializer
Rev 0; 2/16
MAX9271 MAXIM-MAX9271_14 Datasheet
1Mb / 49P
   16-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 1; 11/12
MAX9271 MAXIM-MAX9271 Datasheet
3Mb / 49P
   16-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 0; 7/12
MAX9273 MAXIM-MAX9273_V01 Datasheet
2Mb / 49P
   22-Bit GMSL Serializer with Coax or STP Cable Drive
19-6384; Rev 1; 11/12
MAX9273 MAXIM-MAX9273 Datasheet
3Mb / 49P
   22-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 0; 6/12
MAX96706 MAXIM-MAX96706_V01 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
19-8248; Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com