Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8101-V Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS8101-V
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8101-V Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS8101-V Datasheet HTML 3Page - California Eastern Labs PS8101-V Datasheet HTML 4Page - California Eastern Labs PS8101-V Datasheet HTML 5Page - California Eastern Labs PS8101-V Datasheet HTML 6Page - California Eastern Labs PS8101-V Datasheet HTML 7Page - California Eastern Labs PS8101-V Datasheet HTML 8Page - California Eastern Labs PS8101-V Datasheet HTML 9Page - California Eastern Labs PS8101-V Datasheet HTML 10Page - California Eastern Labs PS8101-V Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet PN10260EJ06V0DS
7
PS8101
10
4
0
8
6
2
4
8
18
20
16
2
6
10
12
14
Output Voltage VO (V)
OUTPUT CURRENT vs.
OUTPUT VOLTAGE
20 mA
15 mA
10 mA
5 mA
IF = 25 mA
6
5
4
2
0
3
1
12
16
20
48
26
10
14
18
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
RL = 2.2 k
5.6 k
3.0
0
1.0
2.0
10
15
25
5
20
Forward Current IF (mA)
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
VCC = 5 V,
RL = 2.2 k
tPHL
tPLH
10
1
0.1
10 k
100 k
1 k
Load Resistance RL (
Ω)
PROPAGATION DELAY TIME vs.
LOAD RESISTANCE
VCC = 5 V,
IF = 16 mA
tPLH
tPHL
5
4
2
0
3
1
–50
0
50
100
–25
75
25
Ambient Temperature TA (
°C)
NORMALIZED PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25
°C,
IF = 16 mA, VCC = 5 V,
RL = 2.2 k
tPLH
tPHL
Remark
The graphs indicate nominal characteristics.


Similar Part No. - PS8101-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101-V NEC-PS8101-V Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101-V CEL-PS8101-V Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101-V RENESAS-PS8101-V Datasheet
250Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE
PS8101-V RENESAS-PS8101-V Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8101-V-A NEC-PS8101-V-A Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS8101-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9115 RENESAS-PS9115 Datasheet
304Kb / 16P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
PS9123 RENESAS-PS9123 Datasheet
221Kb / 9P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9123 CEL-PS9123 Datasheet
529Kb / 14P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9123_15 RENESAS-PS9123_15_15 Datasheet
160Kb / 15P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115_1 Datasheet
143Kb / 14P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com