Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RD60DWE Datasheet(PDF) 96 Page - Motorola, Inc

Part # MC9S08RD60DWE
Description  Microcontrollers
Download  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9S08RD60DWE Datasheet(HTML) 96 Page - Motorola, Inc

Back Button MC9S08RD60DWE Datasheet HTML 92Page - Motorola, Inc MC9S08RD60DWE Datasheet HTML 93Page - Motorola, Inc MC9S08RD60DWE Datasheet HTML 94Page - Motorola, Inc MC9S08RD60DWE Datasheet HTML 95Page - Motorola, Inc MC9S08RD60DWE Datasheet HTML 96Page - Motorola, Inc MC9S08RD60DWE Datasheet HTML 97Page - Motorola, Inc MC9S08RD60DWE Datasheet HTML 98Page - Motorola, Inc MC9S08RD60DWE Datasheet HTML 99Page - Motorola, Inc MC9S08RD60DWE Datasheet HTML 100Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 232 page
background image
Carrier Modulator Transmitter (CMT) Module
MC9S08RC/RD/RE/RG
96
Freescale Semiconductor
The modulator provides a simple method to control protocol timing. The modulator has a minimum
resolution of 1.0
µs with an 8 MHz internal bus clock. It can count bus clocks (to provide real-time control)
or it can count carrier clocks (for self-clocked protocols). See 7.5.2 Modulator for more details.
The transmitter output block controls the state of the infrared out pin (IRO). The modulator output is gated
on to the IRO pin when the modulator/carrier generator is enabled.
A summary of the possible modes is shown in Table 7-2.
7.5.1 Carrier Generator
The carrier signal is generated by counting a register-selected number of input clocks (125 ns for an 8 MHz
bus) for both the carrier high time and the carrier low time. The period is determined by the total number
of clocks counted. The duty cycle is determined by the ratio of high time clocks to total clocks counted.
The high and low time values are user programmable and are held in two registers.
An alternate set of high/low count values is held in another set of registers to allow the generation of dual
frequency FSK (frequency shift keying) protocols without CPU intervention.
NOTE:
Only non-zero data values are allowed. The carrier generator will not work if any
of the count values are equal to zero.
The MCGEN bit in the CMTMSC register must be set and the BASE bit must be cleared to enable carrier
generator clocks. When the BASE bit is set, the carrier output to the modulator is held high continuously.
The block diagram is shown in Figure 7-3.
Table 7-2 CMT Modes of Operation
Mode
MCGEN
Bit(1)
NOTES:
1. To prevent spurious operation, initialize all data and control registers before beginning a transmission (MCGEN=1).
BASE
Bit(2)
2. These bits are not double buffered and should not be changed during a transmission (while MCGEN=1).
FSK
Bit(2)
EXSPC
Bit
Comment
Time
1
0
0
0
fCG controlled by primary high and low registers.
fCG transmitted to IRO pin when modulator gate is open.
Baseband
1
1
x
0
fCG is always high. IRO pin high when modulator gate is open.
FSK
1
0
1
0
fCG control alternates between primary high/low registers and
secondary high/low registers.
fCG transmitted to IRO pin when modulator gate is open.
Extended
Space
1x
x
1
Setting the EXSPC bit causes subsequent modulator cycles
to be spaces (modulator out not asserted) for the duration of
the modulator period (mark and space times).
IRO Latch
0
x
x
x
IROL bit controls state of IRO pin.


Similar Part No. - MC9S08RD60DWE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08RD60DWE FREESCALE-MC9S08RD60DWE Datasheet
1Mb / 234P
   Microcontrollers
More results

Similar Description - MC9S08RD60DWE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com