Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33972 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC33972
Description  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33972 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC33972 Datasheet HTML 3Page - Motorola, Inc MC33972 Datasheet HTML 4Page - Motorola, Inc MC33972 Datasheet HTML 5Page - Motorola, Inc MC33972 Datasheet HTML 6Page - Motorola, Inc MC33972 Datasheet HTML 7Page - Motorola, Inc MC33972 Datasheet HTML 8Page - Motorola, Inc MC33972 Datasheet HTML 9Page - Motorola, Inc MC33972 Datasheet HTML 10Page - Motorola, Inc MC33972 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33972
7
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions of 3.1 V
≤ VDD ≤ 5.25 V, 8.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 125°C, unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
SWITCH INPUT
Pulse Wetting Current Time
tPULSE(ON)
15
16
20
ms
Interrupt Delay Time
Normal Mode
tINT-DLY
5.0
16
µs
Sleep Mode Switch Scan Time
tSCAN
100
200
300
µs
Calibrated Scan Timer Accuracy
Sleep Mode
tSCAN TIMER
10
%
Calibrated Interrupt Timer Accuracy
Sleep Mode
tINT TIMER
10
%
DIGITAL INTERFACE TIMING (Note 13)
Required Low-State Duration on VPWR for Reset (Note 14)
VPWR ≤ 0.2 V
tRESET
10
µs
Falling Edge of CS to Rising Edge of SCLK
Required Setup Time
tLEAD
100
ns
Falling Edge of SCLK to Rising Edge of CS
Required Setup Time
tLAG
50
ns
SI to Falling Edge of SCLK
Required Setup Time
tSI(SU)
16
ns
Falling Edge of SCLK to SI
Required Hold Time
tSI(HOLD)
20
ns
SI, CS, SCLK Signal Rise Time (Note 15)
tR(SI)
5.0
ns
SI, CS, SCLK Signal Fall Time (Note 15)
tF(SI)
5.0
ns
Time from Falling Edge of CS to SO Low Impedance (Note 16)
tSO(EN)
55
ns
Time from Rising Edge of CS to SO High Impedance (Note 17)
tSO(DIS)
55
ns
Time from Rising Edge of SCLK to SO Data Valid (Note 18)
tVALID
25
55
ns
Notes
13.
These parameters are guaranteed by design. Production test equipment uses 4.16 MHz, 5.0 V SPI interface.
14.
This parameter is guaranteed by design but not production tested.
15.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
16.
Time required for valid output status data to be available on SO terminal.
17.
Time required for output states data to be terminated at SO terminal.
18.
Time required to obtain valid data out from SO following the rise of SCLK with 200 pF load.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33972

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
MC33972A FREESCALE-MC33972A Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results

Similar Description - MC33972

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com