Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RD60PE Datasheet(PDF) 55 Page - Motorola, Inc

Part # MC9S08RD60PE
Description  Microcontrollers
Download  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9S08RD60PE Datasheet(HTML) 55 Page - Motorola, Inc

Back Button MC9S08RD60PE Datasheet HTML 51Page - Motorola, Inc MC9S08RD60PE Datasheet HTML 52Page - Motorola, Inc MC9S08RD60PE Datasheet HTML 53Page - Motorola, Inc MC9S08RD60PE Datasheet HTML 54Page - Motorola, Inc MC9S08RD60PE Datasheet HTML 55Page - Motorola, Inc MC9S08RD60PE Datasheet HTML 56Page - Motorola, Inc MC9S08RD60PE Datasheet HTML 57Page - Motorola, Inc MC9S08RD60PE Datasheet HTML 58Page - Motorola, Inc MC9S08RD60PE Datasheet HTML 59Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 232 page
background image
SoC Guide — MC9S08RG60/D Rev 1.10
Freescale Semiconductor
55
MC9S08RC/RD/RE/RG
FCCF — FLASH Command Complete Flag
FCCF is set automatically when the command buffer is empty and no command is being processed.
FCCF is cleared automatically when a new command is started (by writing 1 to FCBEF to register a
command). Writing to FCCF has no meaning or effect.
1 = All commands complete
0 = Command in progress
FPVIOL — Protection Violation Flag
FPVIOL is set automatically when FCBEF is cleared to register a command that attempts to erase or
program a location in a protected block (the erroneous command is ignored). FPVIOL is cleared by
writing a 1 to FPVIOL.
1 = An attempt was made to erase or program a protected location.
0 = No protection violation.
FACCERR — Access Error Flag
FACCERR is set automatically when the proper command sequence is not followed exactly (the
erroneous command is ignored), if a program or erase operation is attempted before the FCDIV register
has been initialized, or if the MCU enters stop while a command was in progress. For a more detailed
discussion of the exact actions that are considered access errors, see 4.4.5 Access Errors. FACCERR
is cleared by writing a 1 to FACCERR. Writing a 0 to FACCERR has no meaning or effect.
1 = An access error has occurred.
0 = No access error.
FBLANK — FLASH Verified as All Blank (erased) Flag
FBLANK is set automatically at the conclusion of a blank check command if the entire FLASH array
was verified to be erased. FBLANK is cleared by clearing FCBEF to write a new valid command.
Writing to FBLANK has no meaning or effect.
1 = After a blank check command is completed and FCCF = 1, FBLANK = 1 indicates the FLASH
array is completely erased (all $FF).
0 = After a blank check command is completed and FCCF = 1, FBLANK = 0 indicates the FLASH
array is not completely erased.
4.6.6 FLASH Command Register (FCMD)
Only four command codes are recognized in normal user modes as shown in Table 4-10. Refer to
4.4.3 Program and Erase Command Execution for a detailed discussion of FLASH programming and erase
operations.
Bit 7
6
54321
Bit 0
Read:
0
0
000000
Write:
FCMD7
FCMD6
FCMD5
FCMD4
FCMD3
FCMD2
FCMD1
FCMD0
Reset:
0
0
000000
Figure 4-9 FLASH Command Register (FCMD)


Similar Part No. - MC9S08RD60PE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08RD60PE FREESCALE-MC9S08RD60PE Datasheet
1Mb / 234P
   Microcontrollers
More results

Similar Description - MC9S08RD60PE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com