Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21CVK Datasheet(PDF) 16 Page - Motorola, Inc

Part # MC9328MX21CVK
Description  i.MX family of microprocessors
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9328MX21CVK Datasheet(HTML) 16 Page - Motorola, Inc

Back Button MC9328MX21CVK Datasheet HTML 12Page - Motorola, Inc MC9328MX21CVK Datasheet HTML 13Page - Motorola, Inc MC9328MX21CVK Datasheet HTML 14Page - Motorola, Inc MC9328MX21CVK Datasheet HTML 15Page - Motorola, Inc MC9328MX21CVK Datasheet HTML 16Page - Motorola, Inc MC9328MX21CVK Datasheet HTML 17Page - Motorola, Inc MC9328MX21CVK Datasheet HTML 18Page - Motorola, Inc MC9328MX21CVK Datasheet HTML 19Page - Motorola, Inc MC9328MX21CVK Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
MC9328MX21 Product Preview, Rev. 1.1
16
Freescale Semiconductor
Specifications
3.3
DC Electrical Characteristics
Table 5 contains both maximum and minimum DC characteristics of the i.MX21.
Internal supply voltage (Core = 266 MHz)
QVDD, QVDDx
1.45
1.65
V
Analog supply voltage
AVDD
1.70
3.30
V
Table 5. Maximum and Minimum DC Characteristics
Number
or Symbol
Parameter
Minimum
Typical
Maximum
Unit
Iop
Full running operating current
QVDD & QVDDx=1.65V, NVDD1=1.8V, NVDD2-
6 & AVDD=3.1V,
Full run: Core=266MHz, System=133MHz,
Doze: Core=266MHz, System=53MHz,
MPEG4 Playback (QVGA) from MMC/SD card,
30fps, 44.1kHz audio)
120mA
(QVDD+QVDDx),
8mA
(NVDD1)
6.6mA
(NVDD2-6+AVDD)
–mA
Sidd
Standby current (QVDD, QVDDx= 1.55V)
360
µA
VIH
Input high voltage
0.7NVDD
NVDD
V
VIL
Input low voltage
0
0.3NVDD
V
VOH
Output high voltage
0.8NVDD
V
VOL
Output low voltage
0.2NVDD
V
Vit+
Positive input threshold voltage, Vi =Vih
2.15
V
Vit-
Negative input threshold voltage, Vi =Vil
0.75
V
Vhys
Hysteresis (Vit+ Vit-) =Vih
–0.3
IIL
Input low leakage current
(VIN = GND, no pull-up or pull-down)
––
±1
µA
IIH
Input high leakage current
(VIN =VDD, no pull-up or pull-down)
––
±1
µA
IOH
Output high current
VO = VOH
––
Slow Pad: -6
Fast Pad: -5
mA
IOL
Output low current
VO = VOL
Slow Pad: 6
Fast Pad: 5
––
mA
IOZ
Output leakage current
(Vout =VDD, output is tri-stated)
––
±5
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
Table 4. Recommended Operating Range (Continued)
Rating
Symbol
Minimum
Maximum
Unit


Similar Part No. - MC9328MX21CVK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21CVK FREESCALE-MC9328MX21CVK Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21CVK FREESCALE-MC9328MX21CVK Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21CVK FREESCALE-MC9328MX21CVK Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21CVK NXP-MC9328MX21CVK Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
More results

Similar Description - MC9328MX21CVK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com