Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALM-2412 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ALM-2412
Description  GPS LNA-Filter Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ALM-2412 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
ALM-2412 Typical Performance Curves, Vdd = +2.85V, Idd = 6.2mA (At 25°C unless specified otherwise)
Figure 3. Typical S-Parameter plot
Figure 4. Multiple module plots of rejection at Cell and PCS Bands
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.8
1.9
-80
-60
-40
-20
0
-100
20
freq, GHz
m4
m5
m1
m2
m3
m6
m4
freq=1.575GHz
dB(S(1,1))=-8.575
m1
freq=1.575GHz
dB(S(2,1))=11.975
m5
freq=1.575GHz
dB(S(1,2))=-21.786
m6
freq=1.575GHz
dB(S(2,2))=-8.592
m3
ind Delta=3.100E8
dep Delta=-62.794
Delta Mode ON
m2
ind Delta=-7.475E8
dep Delta=-55.271
Delta Mode ON


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn