Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALM-2412 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ALM-2412
Description  GPS LNA-Filter Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ALM-2412 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Vdd = +2V, Vdd = +1.5V, Vdd = +1V, Freq = 1.575GHz – Typical Performance[8] (Vsd = Vdd, R2 = 0 ohms)
Table 3. Typical performance at low operating voltages with R2 (see Figures 6 and 7) set to 0 ohms
Symbol
Parameter and Test Condition
Units
Vdd = 2V
Vdd = 1.5V Vdd = 1V
G
Gain
dB
12.6
11
7.2
NF[7]
Noise Figure
dB
0.8
1
1.6
IP1dB
Input 1dB Compressed Power
dBm
-0.7
-1.6
-0.7
IIP3[9]
Input 3rd Order Intercept Point (2-tone @ Fc +/- 2.5MHz)
dBm
6
4.3
3
S11
Input Return Loss
dB
-8.2
-7.4
-5.2
S22
Output Return Loss
dB
-12.9
-11
-7
S12
Reverse Isolation
dB
-21.6
-20.1
-16.9
Cell Band Rejection
Relative to 1.575GHz @ 827.5MHz
dBc
54.7
55.7
57.6
PCS Band Rejection
Relative to 1.575GHz @ 1885MHz
dBc
63.7
62.9
61.9
Idd
Supply DC current
mA
7.7
4.1
1.3
Ish
Shutdown Current @ VSD = 0V
uA
0.1
0.1
0.1
Notes:
7. For noise figure measurement, input board loss has not been deducted
8. Measurements at 1.575GHz obtained using demo board described in Figures 6 and 7
9. 1.575GHz IIP3 test condition: FRF1 = 1572.5 MHz, FRF2 = 1577.5 MHz with input power of -20dBm per tone measured at the worst case side band


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn