Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALM-2412 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ALM-2412
Description  GPS LNA-Filter Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ALM-2412 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved.
AV02-1757EN - March 2, 2012
Reel Dimensions – 13 inch
PS
6
2
1
12
11
10
9
8 7
3
5
4
6
6
PS
PS
6
Detail "X"
RECYCLE LOGO
SEE DETAIL "X"
R19.0±0.5
Ø12.3±0.5(3x)
11.9-15.4**
18.4 MAX.*
SLOT
5.0±0.5(3x)
12.4
+2.0*
-0.0
16.0mm HEIGHT x MIN. 0.4mm THICK.
EMBOSSED LETTERING
EMBOSSED LINE (2x)
89.0mm LENGTH LINES 147.0mm
AWAY FROM CENTER POINT
7.5mm HEIGHT
EMBOSSED LETTERING
DATE CODE
ESD LOGO
Ø16.0
7.5mm HEIGHT
EMBOSSED LETTERING
HUB
Ø100.0±0.5
Ø329.0±1.0
20.2(MIN.)
Ø13.0
-0.2
+0.5
BACK VIEW
FRONT VIEW
12
10
8
7
11
9
1
3
4
6
5
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn