Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALM-2412 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ALM-2412
Description  GPS LNA-Filter Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ALM-2412 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Device Orientation
USER FEED DIRECTION
TOP VIEW
END VIEW
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
AVAGO
ALM-2412
MAXXXXX
XXXX
AVAGO
ALM-2412
MAXXXXX
XXXX
Tape Dimensions
P0
Y
Y
P2 (1)
P10 (3)
D0
XX
P1 (2)
D1
F (1)
W
A
SECTION X - X
SECTION Y - Y
A0
K0
REF.
0.50
NOTES:
1. MEASURE FROM CENTER LINE OF SPROCKET HOLE
TO CENTER LINE OF POCKET.
2. MEASURE FROM CENTER LINE OF POCKET HOLE
TO CENTER LINE OF POCKET.
3. PITCH TOLERANCE FOR SPROCKET HOLE:
10 PITCH CUMULATIVE TOLERANCE IS ± O.2 mm.
4. ALLOWABLE CAMBER TO BE 1 mm PER 250 mm
IN LENGTH.
REF.
R 0.25
REF.
R 0.25
REF.
R 0.65
DETAIL A
T
B0
5 MAX.
F
DIMENSIONS
NOTATION
MILLIMETERS
A0
3.60 ± 0.10
B0
2.40 ± 0.10
K0
1.35 ± 0.10
D0
1.55 ± 0.05
D1
1.60 ± 0.10
P0
4.00 ± 0.10
P1
8.00 ± 0.10
P2
2.00 ± 0.10
P10
40.00 ± 0.20
E
1.75 ± 0.10
F
5.50 ± 0.10
W
12.00 ± 0.30
T
0.30 ± 0.05


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn