Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALM-2412 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ALM-2412
Description  GPS LNA-Filter Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ALM-2412 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Part Number Ordering Information
Part Number
No. of Devices
Container
ALM-2412-BLKG
100
Antistatic Bag
ALM-2412-TR1G
3000
13” Reel
ALM-2412 Typical Noise Parameter at 25°C,
Freq = 1.575GHz, Vdd = 2.85V, Idd = 9mA
Freq
Fmin
GAMMA OPT
(GHz)
(dB)
Mag
Ang
Rn/50
1.575
0.7
0.55
62
0.36
Package Dimensions
PCB Land Pattern and Suggested Grounding Vias
Stencil Outline Drawing
PCB Land Patterns and Stencil Design
Dimensions are in mm
Notes:
 The exceptional noise figure performance of the ALM-2412 is due to its highly optimized design. In this regard, the Fmin of the ALM-2412 shown
above is locked down by the internal input pre-match. This allows the use of relatively inexpensive chip inductors for external matching.
 The NF performance of the ALM-2412 is also very resilient to operating conditions. For example, at Idd = 5mA, the degradation in NF is only 0.1dB,
and not more than 0.15dB degradation over temperature.
2x–0.47
3.30 ± 0.10
TOP VIEW
0.50
PIN 1 ORIENTATION
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONS ARE INCLUSIVE OF PLATING.
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR.
0.10
2x–0.69
2x–1.76
2x–0.28
7x–0.16
5x–0.35 SQ
0.10
ALL EDGES
0.07
GAPS
2x–0.20
2.10 ±0.10
1.55
0.60
2x–0.28
2412
XXXXX
1.10 ± 0.10
SIDE VIEW
BOTTOM VIEW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn