Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALM-2412 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ALM-2412
Description  GPS LNA-Filter Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ALM-2412 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
ALM-2412 Scattering Parameter and Noise Parameter Measurement
Figure 18. Scattering and Noise Parameter reference planes
C2
Module outline
1
Filter
R1
C3
R2
C1
Input
match
L1
L2
3
8
12
Reference
plane
Reference
plane
ALM-2412 Typical Scattering Parameters at 25°C, Vdd = 2.85V, Idd = 3.2 mA
Freq
(GHz)
S11
S11
S21
S21
S21
S12
S12
S22
S22
(Mag)
(Ang)
(dB)
(Mag)
(Ang)
(dB)
(Ang)
(Mag)
(Ang)
0.3
0.9437
25.1842
-56.6250
0.0015
-56.2045
-76.3685
125.4973
0.9982
-38.2854
0.5
0.9793
-24.9837
-47.6772
0.0041
-98.4688
-75.2131
89.0743
0.9942
-63.9061
0.7
0.9710
-65.7032
-43.9381
0.0064
-136.0755
-72.7917
56.1160
0.9951
-88.9240
0.8
0.9534
-84.5781
-43.5064
0.0067
-152.0264
-75.3778
65.0142
0.9845
-101.8883
0.8275
0.9506
-89.6180
-43.6122
0.0066
-152.6773
-70.6928
85.4300
0.9857
-105.5005
0.9
0.9480
-102.9481
-42.6842
0.0073
-166.1491
-76.3508
26.7945
0.9891
-114.5563
1
0.9622
-123.0758
-41.4344
0.0085
-168.6170
-76.5894
116.5373
0.9835
-127.2816
1.1
0.9832
-147.1698
-38.8120
0.0115
173.8790
-73.2556
118.9165
0.9752
-140.4388
1.2
0.9756
-178.5820
-36.8148
0.0144
151.5848
-64.1740
132.9518
0.9804
-153.3940
1.3
0.8282
141.3595
-38.1281
0.0124
135.7789
-59.4834
110.0181
0.9709
-167.1206
1.4
0.5570
101.1569
-42.6142
0.0074
90.8719
-56.8034
78.1796
0.9634
177.2173
1.5
0.3014
75.0549
-41.2422
0.0087
170.7122
-55.3660
54.0700
0.8547
150.1649
1.575
0.4579
99.1677
12.0288
3.9943
95.4837
-21.0892
39.1122
0.3290
-4.5519
1.6
0.8078
76.1104
10.2399
3.2508
152.0063
-22.7890
90.5229
0.5356
-120.2133
1.7
0.3858
-6.8862
-49.8007
0.0032
49.0105
-57.1647
42.5100
0.9622
160.2686
1.8
0.3640
-34.6496
-55.4610
0.0017
74.5288
-55.9648
25.6484
0.9608
143.4563
1.885
0.3845
-53.6204
-49.4320
0.0034
112.4398
-55.0812
18.6501
0.9519
131.2389
1.9
0.3902
-56.6177
-48.7844
0.0036
115.2951
-54.9790
12.9813
0.9526
129.1710
2
0.4330
-74.9590
-44.8367
0.0057
111.2168
-54.1082
7.2474
0.9548
116.1177
2.1
0.4870
-91.2581
-42.0224
0.0079
98.7025
-54.1145
-2.0907
0.9486
103.3151
2.2
0.5407
-106.4211
-40.6064
0.0093
86.8407
-52.6911
-12.1006
0.9440
90.2799
2.3
0.5913
-120.6560
-40.3220
0.0096
73.8261
-51.9861
-24.9929
0.9481
77.8880
2.4
0.6376
-134.1556
-39.2032
0.0110
58.9540
-52.2734
-35.5332
0.9365
64.5526
2.5
0.6797
-147.0601
-39.5911
0.0105
44.5045
-51.5403
-47.2899
0.9366
51.2631
3
0.8218
155.3244
-73.9981
0.0002
-66.0550
-52.5626
-113.4427
0.8903
-21.8880
3.5
0.8905
106.0429
-26.4816
0.0474
79.2320
-52.8246
91.8748
0.7844
-128.2450
4
0.9252
61.1667
-17.8927
0.1275
-28.8321
-39.3233
-54.1066
0.6473
50.3538
4.5
0.9426
18.8015
-17.1918
0.1382
-130.6277
-36.4301
-144.6187
0.6257
-111.6124
5
0.9522
-22.3400
-19.0379
0.1117
152.7274
-36.9603
138.6193
0.6557
122.4208
5.5
0.9528
-63.5735
-22.3934
0.0759
75.7488
-38.8835
75.7347
0.6692
25.7070
6
0.9495
-105.3228
-30.1215
0.0312
50.3551
-41.9579
64.9560
0.6153
-20.4365


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn