Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALM-2412 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ALM-2412
Description  GPS LNA-Filter Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ALM-2412 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
ALM-2412 Typical Scattering Parameters at 25°C, Vdd = 2.85V, Idd = 9.0 mA
The S- and Noise Parameters are measured using the PCB described in Figures 6 and 7. The PCB material is 10 mils
RogersRO4350. Figure 23 shows the input and output reference planes. The circuit values, with the exception of L3,
are as indicated in Figure 6.
Freq
(GHz)
S11
S11
S21
S21
S21
S12
S12
S22
S22
(Mag)
(Ang)
(dB)
(Mag)
(Ang)
(dB)
(Ang)
(Mag)
(Ang)
0.3
0.9500
24.3080
-53.0103
0.0022
-64.3603
-83.4472
2.2928
0.9983
-38.2983
0.5
0.9810
-26.9915
-45.0767
0.0056
-101.7629
-72.7369
99.2046
0.9940
-63.9345
0.7
0.9574
-68.9018
-41.5411
0.0084
-144.0420
-71.2519
62.3471
0.9949
-88.9346
0.8
0.9309
-88.2339
-41.2477
0.0087
-160.1246
-75.4796
-10.3220
0.9843
-101.9066
0.8275
0.9252
-93.3423
-41.1302
0.0088
-160.2805
-77.8045
38.2306
0.9856
-105.4838
0.9
0.9177
-106.9481
-40.5723
0.0094
-172.7013
-79.0652
53.4588
0.9891
-114.5814
1
0.9250
-127.8097
-39.5941
0.0105
-176.9576
-76.2791
106.0042
0.9832
-127.2962
1.1
0.9353
-152.9168
-37.2798
0.0137
165.3683
-69.8529
145.2438
0.9754
-140.4467
1.2
0.9158
174.7925
-35.7549
0.0163
143.4377
-63.9935
128.3283
0.9802
-153.4140
1.3
0.7946
134.3360
-37.5214
0.0133
130.8836
-59.1849
111.7022
0.9706
-167.1344
1.4
0.5885
90.9147
-41.8159
0.0081
91.2687
-56.9362
73.8568
0.9634
177.1917
1.5
0.3586
51.1412
-40.0352
0.0100
169.4231
-55.0038
48.7376
0.8535
150.1499
1.575
0.3735
84.3481
13.5499
4.7588
90.4620
-22.3019
43.2091
0.2586
-12.6662
1.6
0.7476
65.6530
11.1269
3.6003
143.9489
-24.7551
91.0611
0.5585
-115.7049
1.7
0.4936
-18.1639
-49.2624
0.0034
48.9582
-56.9992
33.3754
0.9617
160.2494
1.8
0.4779
-46.7353
-55.2772
0.0017
75.0639
-55.9405
22.7742
0.9607
143.4297
1.885
0.4917
-65.8114
-48.8096
0.0036
118.6825
-55.2593
14.4221
0.9519
131.2363
1.9
0.4964
-68.7818
-47.9441
0.0040
118.5708
-55.2112
9.3947
0.9526
129.1638
2
0.5236
-87.1166
-43.6491
0.0066
116.3684
-54.2886
-2.7401
0.9544
116.1047
2.1
0.5578
-102.8903
-41.0295
0.0089
104.5683
-54.5318
-8.6652
0.9483
103.3151
2.2
0.5893
-117.1373
-39.2482
0.0109
93.1084
-53.6690
-18.1018
0.9440
90.2622
2.3
0.6208
-130.1776
-38.9962
0.0112
79.8502
-53.6796
-28.8668
0.9474
77.8684
2.4
0.6508
-142.4117
-37.8263
0.0128
66.6074
-53.4105
-37.4890
0.9366
64.5382
2.5
0.6799
-154.1330
-37.9962
0.0126
52.4394
-52.7064
-49.4043
0.9362
51.2358
3
0.7949
152.7103
-64.9944
0.0006
55.6408
-53.0296
-115.4632
0.8899
-21.9066
3.5
0.8681
105.4590
-23.9865
0.0632
79.4316
-50.5228
96.7559
0.7839
-128.2725
4
0.9137
61.2580
-15.5361
0.1672
-31.2094
-37.9448
-49.3136
0.6408
50.7479
4.5
0.9380
18.9691
-15.1307
0.1752
-135.1450
-35.0746
-143.1255
0.6172
-110.1415
5
0.9505
-22.2529
-17.3940
0.1350
147.3349
-35.9246
137.3279
0.6552
124.4230
5.5
0.9528
-63.5553
-21.1722
0.0874
70.6993
-38.2030
73.6058
0.6872
27.3421
6
0.9495
-105.3280
-29.2697
0.0344
45.4125
-41.7965
64.5211
0.6352
-19.4748
ALM-2412 Typical Performance Curves, R1 = 10k ohms (At 25°C unless specified otherwise)
Figure 16. Cell band rejection Vs Vdd Vs Temp (Idd=9mA)
Figure 17. PCS band rejection Vs Vdd Vs Temp (Idd=9mA)
45
47
49
51
53
55
57
59
61
63
65
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
40
45
50
55
60
65
70
75
80
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
-40°C
25°C
85°C
-40°C
25°C
85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn