Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALM-2412 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part No. ALM-2412
Description  GPS LNA-Filter Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

ALM-2412 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
6
8
10
12
14
16
18
20
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
5mA
9mA
11mA
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
0
2
4
6
8
10
12
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
0
1
2
3
4
5
6
7
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
0
2
4
6
8
10
12
14
1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0
Vsd (V)
45
47
49
51
53
55
57
59
61
63
65
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
Vdd (V)
5mA
9mA
11mA
5mA
9mA
11mA
5mA
9mA
11mA
5mA
9mA
11mA
ALM-2412 Typical Performance Curves, R1 = 10k ohms (At 25°C unless specified otherwise)
Figure 5. Gain Vs Vdd Vs Idd
Figure 6. NF Vs Vdd Vs Idd
Figure 7. IIP3 Vs Vdd Vs Idd
Figure 8. IP1dB Vs Vdd Vs Idd
Figure 9. Idd Vs Vsd (Vdd=2.85V)
Figure 10. Cell band rejection Vs Vdd Vs Idd


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn