Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33887 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC33887
Description  5.0 A H-Bridge with Load Current Feedback
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33887 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC33887 Datasheet HTML 3Page - Motorola, Inc MC33887 Datasheet HTML 4Page - Motorola, Inc MC33887 Datasheet HTML 5Page - Motorola, Inc MC33887 Datasheet HTML 6Page - Motorola, Inc MC33887 Datasheet HTML 7Page - Motorola, Inc MC33887 Datasheet HTML 8Page - Motorola, Inc MC33887 Datasheet HTML 9Page - Motorola, Inc MC33887 Datasheet HTML 10Page - Motorola, Inc MC33887 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33887
7
THERMAL RESISTANCE (AND PACKAGE DISSIPATION) RATINGS (Note 8), (Note 9), (Note 10), (Note 11)
Junction-to-Board (Bottom Exposed Pad Soldered to Board)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJB
~5.0
~4.3
~8.0
°C/W
Junction-to-Ambient, Natural Convection, Single-Layer Board (1s)
(Note 12)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJA
~41
~TBD
~62
°C/W
Junction-to-Ambient, Natural Convection, Four-Layer Board (2s2p)
(Note 13)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJMA
~30
~21.3
~TBD
°C/W
Junction-to-Case (Exposed Pad) (Note 14)
HSOP (6.0 W)
PQFN (4.0 W)
SOICW-EP (2.0 W)
RθJC
~0.5
~0.9
~1.5
°C/W
Notes
8.
The limiting factor is junction temperature, taking into account the power dissipation, thermal resistance, and heat sinking.
9.
Exposed heatsink pad plus the power and ground terminals comprise the main heat conduction paths. The actual RθJB (junction-to-PC board)
values will vary depending on solder thickness and composition and copper trace thickness. Maximum current at maximum die temperature
represents ~16 W of conduction loss heating in the diagonal pair of output MOSFETs. Therefore, the RθJC-total must be less than 5.0 °C/W
for maximum load at 70°C ambient. Module thermal design must be planned accordingly.
10.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface
of the board near the package.
11.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
12.
Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board (JESD51-3) horizontal.
13.
Per JEDEC JESD51-6 with the board horizontal.
14.
Indicates the average thermal resistance between the die and the exposed pad surface as measured by the cold plate method (MIL SPEC-
883 Method 1012.1) with the cold plate temperature used for the case temperature.
MAXIMUM RATINGS (continued)
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33887

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33887APR2 FREESCALE-MC33887APR2 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
MC33887APVW FREESCALE-MC33887APVW Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
NXP Semiconductors
MC33887APVW NXP-MC33887APVW Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
logo
Freescale Semiconductor...
MC33887AVW FREESCALE-MC33887AVW Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
MC33887AVWR2 FREESCALE-MC33887AVWR2 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - MC33887

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33887 FREESCALE-33887 Datasheet
856Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_08 Datasheet
1Mb / 37P
   5.0 A H-Bridge with Load Current Feedback
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com