Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33742 Datasheet(PDF) 26 Page - Motorola, Inc

Part # MC33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33742 Datasheet(HTML) 26 Page - Motorola, Inc

Back Button MC33742 Datasheet HTML 22Page - Motorola, Inc MC33742 Datasheet HTML 23Page - Motorola, Inc MC33742 Datasheet HTML 24Page - Motorola, Inc MC33742 Datasheet HTML 25Page - Motorola, Inc MC33742 Datasheet HTML 26Page - Motorola, Inc MC33742 Datasheet HTML 27Page - Motorola, Inc MC33742 Datasheet HTML 28Page - Motorola, Inc MC33742 Datasheet HTML 29Page - Motorola, Inc MC33742 Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
33742
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
26
Figure 12. Entering Debug Mode
When the 33742 is in debug mode and has been set into
Stop Debug or Sleep, a wake-up causes the 33742 to enter the
Normal Request mode for 350 ms. To avoid having the 33742
generate a reset (enter Reset mode), the desired next debug
mode (Normal Debug or Standby Debug) should be configured
within the 350 ms time period of the Normal Request mode.
To avoid entering debug mode after a power-up, first read
the BATFAIL bit (MCR read) and write 0000 into the MCR
register.
Figure 13 below and Figure 14, page 27, show the detailed
operation of the 33742 once the debug mode has been
selected.
Figure 13. Transitions to Enter Debug Modes
VSUP
SPI
MCR (Step 4)
BATFAIL
VDD
Debug Mode
MCR (Step 5)
SPI: Read BATFAIL
MCR (Step 6)
33742/33742S in Debug mode.
33742/33742S not in Debug mode.
TIM1(Step 3)
No Watchdog
Watchdog ON
Normal Request
Standby Debug
SPI: MCR (0000) and Normal Debug
Normal
Reset
Reset Counter
(3.4 ms) Expired
Watchdog: Timeout 350 ms
Normal Debug
SPI: MCR (0000) and Standby Debug
Power
Down
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33742

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33742DW FREESCALE-MC33742DW Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742DW FREESCALE-MC33742DW Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
MC33742DWR2 FREESCALE-MC33742DWR2 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742DWR2 FREESCALE-MC33742DWR2 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
MC33742EP FREESCALE-MC33742EP Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
More results

Similar Description - MC33742

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com