Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33742 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MC33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33742 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MC33742 Datasheet HTML 9Page - Motorola, Inc MC33742 Datasheet HTML 10Page - Motorola, Inc MC33742 Datasheet HTML 11Page - Motorola, Inc MC33742 Datasheet HTML 12Page - Motorola, Inc MC33742 Datasheet HTML 13Page - Motorola, Inc MC33742 Datasheet HTML 14Page - Motorola, Inc MC33742 Datasheet HTML 15Page - Motorola, Inc MC33742 Datasheet HTML 16Page - Motorola, Inc MC33742 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33742
13
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values noted
reflect the approximate parameter mean at TA =25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
DIGITAL INTERFACE TIMING (Note 28)
SPI Operation Frequency
fREQ
0.25
4.0
MHz
SCLK Clock Period
tPCLK
250
N/A
ns
SCLK Clock High Time
tWSCLKH
125
N/A
ns
SCLK Clock Low Time
tWSCLKL
125
N/A
ns
Falling Edge of CS to Rising Edge of SCLK
tLEAD
100
N/A
ns
Falling Edge of SCLK to Rising Edge of CS
tLAG
100
N/A
ns
MOSI to Falling Edge of SCLK
tSISU
40
N/A
ns
Falling Edge of SCLK to MOSI
tSIH
40
N/A
ns
MISO Rise Time (Note 29)
CL = 220 pF
tRSO
–25
50
ns
MISO Fall Time (Note 29)
CL = 220 pF
tFSO
–25
50
ns
Time from Falling or Rising Edges of CS
MISO Low Impedance
MISO High Impedance
tSOEN
tSODIS
50
50
ns
Time from Rising Edge of SCLK to MISO Data Valid
0.2 VDD ≤ MISO ≥ 0.8 VDD, CL = 200 pF
tVALID
––
50
ns
STATE MACHINE TIMING
Delay Between CS LOW-to-HIGH Transition (at End of SPI Stop Command)
and Stop Mode Activation (Note 30)
tCS-STOP
18–34
µs
Interrupt Low-Level Duration
Stop Mode
tINT
7.0
10
13
µs
Internal Oscillator Frequency (Note 31)
fOSC
100
kHz
Watchdog Period Normal and Standby Modes
Period 1
Period 2
Period 3
Period 4
tWD
8.58
39.6
88
308
9.75
45
100
350
10.92
50.4
112
392
ms
Notes
28.
See Figure 4, SPI Timing Diagram, page 17.
29.
Not production tested. Guaranteed by design.
30.
Not production tested. Guaranteed by design. Detected by V2 OFF.
31.
fOSC is indirectly measured (1.0 ms reset) and trimmed.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33742

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33742DW FREESCALE-MC33742DW Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742DW FREESCALE-MC33742DW Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
MC33742DWR2 FREESCALE-MC33742DWR2 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742DWR2 FREESCALE-MC33742DWR2 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
MC33742EP FREESCALE-MC33742EP Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
More results

Similar Description - MC33742

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com