Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33742 Datasheet(PDF) 47 Page - Motorola, Inc

Part # MC33742
Description  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33742 Datasheet(HTML) 47 Page - Motorola, Inc

Back Button MC33742 Datasheet HTML 43Page - Motorola, Inc MC33742 Datasheet HTML 44Page - Motorola, Inc MC33742 Datasheet HTML 45Page - Motorola, Inc MC33742 Datasheet HTML 46Page - Motorola, Inc MC33742 Datasheet HTML 47Page - Motorola, Inc MC33742 Datasheet HTML 48Page - Motorola, Inc MC33742 Datasheet HTML 49Page - Motorola, Inc MC33742 Datasheet HTML 50Page - Motorola, Inc MC33742 Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33742
47
Figure 29. 33742 Application Without External Ballast Transistor on V2 Regulator
Figure 30. CAN Bus Standard Termination
Figure 31. CAN Bus Split Termination
Dual Voltage Regulator
VSUP Monitor
VDD Monitor
5.0 V/200 mA
V2CTRL
VDD
V2
VSUP
V2
VPWR
C3
C4
C2
C1
D1
33742 Partial Block Diagram
MCU
GND
Legend
D1: Example: 1N4002 type
C1: 10
µF
C2: 100 nF
C3: 47
µF
C4: 100 nF
R5
CL
CANL (33742)
CH
CANH (33742)
CAN Connector
CANL
CANH
Legend
R5: 60
CL, CH: 220 pF
R6
CL
CANL (33742)
CH
CANH (33742)
CAN Connector
R7
CS
CANH
CANL
Legend
R6, R7: 30
CL, CH: 220 pF
CS: > 470 pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33742

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33742DW FREESCALE-MC33742DW Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742DW FREESCALE-MC33742DW Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
MC33742DWR2 FREESCALE-MC33742DWR2 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742DWR2 FREESCALE-MC33742DWR2 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
MC33742EP FREESCALE-MC33742EP Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
More results

Similar Description - MC33742

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com