Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21VH Datasheet(PDF) 25 Page - Motorola, Inc

Part # MC9328MX21VH
Description  i.MX family of microprocessors
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9328MX21VH Datasheet(HTML) 25 Page - Motorola, Inc

Back Button MC9328MX21VH Datasheet HTML 21Page - Motorola, Inc MC9328MX21VH Datasheet HTML 22Page - Motorola, Inc MC9328MX21VH Datasheet HTML 23Page - Motorola, Inc MC9328MX21VH Datasheet HTML 24Page - Motorola, Inc MC9328MX21VH Datasheet HTML 25Page - Motorola, Inc MC9328MX21VH Datasheet HTML 26Page - Motorola, Inc MC9328MX21VH Datasheet HTML 27Page - Motorola, Inc MC9328MX21VH Datasheet HTML 28Page - Motorola, Inc MC9328MX21VH Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 106 page
background image
Specifications
MC9328MX21 Product Preview, Rev. 1.1
Freescale Semiconductor
25
Figure 8. BMI Drives Clock, MMD Read BMI Timing
(MASTER_MODE_SEL=0, MMD_MODE_SEL=1, MMD_CLKOUT=1)
Note: In this mode, the max frequency of the BMI_CLK/CS can be up to 36Mhz(double as max data pad speed).
Note: The BMI_CLK/CS can only be divided by 2,4,8,16 from HCLK.
3.8.1.4
MMD Write BMI Timing
Figure on page 26 shows the MMD write BMI timing when BMI drives BMI_CLK/CS.
When the BMI_WRITE signal is asserted, the BMI can write a 1 to READ bit of control register to issue
a WRITE cycle. This bit is cleared automatically when the WRITE operation is completed. In a WRITE
burst the MMD will write COUNT+1 data to the BMI. The user can issue another WRITE operation if the
MMD still has data to write after the first operation completed.
The BMI can latch the data either at falling edge or the next rising edge of the BMI_CLK/CS according to
the DATA_LATCH bit. When the DATA_LATCH bit is set, the BMI latch data at the next rising edge and
latch the last data using the internal clock.
BMI_WRITE signal can not be negated when the WRITE operation is proceeding.
Table 14. MMD Read BMI Timing Table when BMI Drives Clock
Item
Symbol
MIN
TYP
MAX
Unit
transfer data setup time
Tds
2
8
ns
transfer data hold time
Tdh
2
8
ns
read_req hold time
Trh
2
18
ns
BMI_CLK/CS
BMI_READ_REQ
BMI_WRITE
BMI_D[15:0]
TxD1
TxD2
Last TxD
1T
Tds
Trh
DMA or CPU write data to TxFIFO
Tdh


Similar Part No. - MC9328MX21VH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21VK NXP-MC9328MX21VK Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
logo
Freescale Semiconductor...
MC9328MX21VM FREESCALE-MC9328MX21VM Datasheet
1Mb / 98P
   i.MX family of microprocessors
More results

Similar Description - MC9328MX21VH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com