Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21VH Datasheet(PDF) 12 Page - Motorola, Inc

Part # MC9328MX21VH
Description  i.MX family of microprocessors
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9328MX21VH Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MC9328MX21VH Datasheet HTML 8Page - Motorola, Inc MC9328MX21VH Datasheet HTML 9Page - Motorola, Inc MC9328MX21VH Datasheet HTML 10Page - Motorola, Inc MC9328MX21VH Datasheet HTML 11Page - Motorola, Inc MC9328MX21VH Datasheet HTML 12Page - Motorola, Inc MC9328MX21VH Datasheet HTML 13Page - Motorola, Inc MC9328MX21VH Datasheet HTML 14Page - Motorola, Inc MC9328MX21VH Datasheet HTML 15Page - Motorola, Inc MC9328MX21VH Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 106 page
background image
MC9328MX21 Product Preview, Rev. 1.1
12
Freescale Semiconductor
Signal Descriptions
USBG_ON
USB OTG Transceiver ON output signal. This signal is muxed with SLCDC1_DAT9.
USBG_FS
USB OTG Full Speed output signal. This signal is multiplexed with external transceiver
USBG_TXR_INT signal of USB OTG. This signal is muxed with SLCDC1_DAT10.
USBH1_RXDP
USB Host1 Receive Data Plus input signal. This signal is multiplexed with UART4_RXD and
SLCDC1_DAT6. It also provides an alternative multiplex for UART4_RTS, where this signal is
selectable by programming the Function Multiplexing Control Register in the System Control
chapter.
USBH1_RXDM
USB Host1 Receive Data Minus input signal. This signal is muxed with SLCDC1_DAT5. It also
provides an alternative multiplex for UART4_CTS.
USBH1_TXDP
USB Host1 Transmit Data Plus output signal. This signal is multiplexed with UART4_CTS and
SLCDC1_DAT4. It also provides an alternative multiplex for UART4_RXD, where this signal is
selectable by programming the Function Multiplexing Control Register in the System Control
chapter.
USBH1_TXDM
USB Host1 Transmit Data Minus output signal. This signal is multiplexed with UART4_TXD and
SLCDC1_DAT3.
USBH1_RXDAT
USB Host1 Transceiver differential data receive signal. Multiplexed with USBH1_FS.
USBH1_OE
USB Host1 Output Enable signal. This signal is muxed with SLCDC1_DAT2.
USBH1_FS
USB Host1 Full Speed output signal. This signal is multiplexed with UART4_RTS and
SLCDC1_DAT1 and USBH1_RXDAT.
USBH_ON
USB Host transceiver ON output signal. This signal is muxed with SLCDC1_DAT0.
USBH2_RXDP
USB Host2 Receive Data Plus input signal. This signal is multiplexed with CSPI2_SS[1] of CSPI2.
USBH2_RXDM
USB Host2 Receive Data Minus input signal. This signal is multiplexed with CSPI2_SS[2] of
CSPI2.
USBH2_TXDP
USB Host2 Transmit Data Plus output signal. This signal is multiplexed with CSPI2_MOSI of
CSPI2.
USBH2_TXDM
USB Host2 Transmit Data Minus output signal. This signal is multiplexed with CSPI2_MISO of
CSPI2.
USBH2_OE
USB Host2 Output Enable signal. This signal is multiplexed with CSPI2_SCLK of CSPI2.
USBH2_FS
USB Host2 Full Speed output signal. This signal is multiplexed with CSPI2_SS[0] of CSPI2.
USBG_SCL
USB OTG I2C Clock Output signal. This signal is multiplexed with SLCDC1_DAT8.
USBG_SDA
USB OTG I2C Data Input/Output signal. This signal is multiplexed with SLCDC1_DAT7.
USBG_TXR_INT
USB OTG transceiver Interrupt input. Multiplexed with USBG_FS.
Secure Digital Interface
SD1_CMD
SD Command bidirectional signal—If the system designer does not want to make use of the
internal pull-up, via the Pull-up enable register, a 4.7K–69K external pull up resistor must be
added. This signal is multiplexed with CSPI3_MOSI.
SD1_CLK
SD Output Clock. This signal is multiplexed with CSPI3_SCLK.
Table 2. i.MX21 Signal Descriptions (Continued)
Signal Name
Function/Notes


Similar Part No. - MC9328MX21VH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21VK NXP-MC9328MX21VK Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
logo
Freescale Semiconductor...
MC9328MX21VM FREESCALE-MC9328MX21VM Datasheet
1Mb / 98P
   i.MX family of microprocessors
More results

Similar Description - MC9328MX21VH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com