Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21VH Datasheet(PDF) 62 Page - Motorola, Inc

Part # MC9328MX21VH
Description  i.MX family of microprocessors
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9328MX21VH Datasheet(HTML) 62 Page - Motorola, Inc

Back Button MC9328MX21VH Datasheet HTML 58Page - Motorola, Inc MC9328MX21VH Datasheet HTML 59Page - Motorola, Inc MC9328MX21VH Datasheet HTML 60Page - Motorola, Inc MC9328MX21VH Datasheet HTML 61Page - Motorola, Inc MC9328MX21VH Datasheet HTML 62Page - Motorola, Inc MC9328MX21VH Datasheet HTML 63Page - Motorola, Inc MC9328MX21VH Datasheet HTML 64Page - Motorola, Inc MC9328MX21VH Datasheet HTML 65Page - Motorola, Inc MC9328MX21VH Datasheet HTML 66Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 106 page
background image
MC9328MX21 Product Preview, Rev. 1.1
62
Freescale Semiconductor
Specifications
Figure 46. 1-Wire Initialization
The reset pulse begins the initialization sequence and it is initiated when the RPP control register bit is set.
When the presence pulse is detected, this bit will be cleared. The presence pulse is used by the bus master
to determine if at least one DS2502 is connected. Software will determine if more than one DS2502 exists.
The one-wire will sample for the DS2502 presence pulse. The presence pulse is latched in the one-wire
control register PST. When the PST bit is set to a one, it means that a DS2502 is present; if the bit is set to
a zero, then no device was found.
3.17.2
Write 0
The Write 0 function simply writes a zero bit to the DS2502. The sequence takes 117 us. The one-wire bus
is held low for 100us.
Figure 47. Write 0 Timing
The Write 0 pulse sequence is initiated when the WR0 control bit register is set. When the write is
complete, the WR0 register will be auto cleared.
3.17.3
Write 1/Read Data
The Write 1 and Read timing is identical. The time slot is first driven low. According to the DS2502
documentation, the DS2502 has a delay circuit which is used to synchronize the DS2502 with the bus
master (one-wire). This delay circuit is triggered by the falling edge of the data line and is used to decide
when the DS2502 should sample the line. In the case of a write 1 or read 1, after a delay, a 1 will be
transmitted / received. When a read 0 slot is issued, the delay circuit will hold the data line low to override
the 1 generated by the bus master (one-wire).
For the Write 1 or Read, the control register WR1/RD is set and auto-cleared when the sequence has been
completed. After a Read, the control register RDST bit is set to the value of the read.
one-wire
DS2502
waits
15-60us
DS2502 Tx
“presence pulse”
60-240us
68us
BUS
Reset and Presence Pulses
One-Wire samples (set PST)
512us
AutoClear RPP
Control Bit
Set RPP
511 us
100us
one-wire
17us
BUS
Write 0 Slot 128us
AutoClear WR0
Set WR0


Similar Part No. - MC9328MX21VH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21VK NXP-MC9328MX21VK Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
logo
Freescale Semiconductor...
MC9328MX21VM FREESCALE-MC9328MX21VM Datasheet
1Mb / 98P
   i.MX family of microprocessors
More results

Similar Description - MC9328MX21VH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com