Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MX21VH Datasheet(PDF) 47 Page - Motorola, Inc

Part # MC9328MX21VH
Description  i.MX family of microprocessors
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9328MX21VH Datasheet(HTML) 47 Page - Motorola, Inc

Back Button MC9328MX21VH Datasheet HTML 43Page - Motorola, Inc MC9328MX21VH Datasheet HTML 44Page - Motorola, Inc MC9328MX21VH Datasheet HTML 45Page - Motorola, Inc MC9328MX21VH Datasheet HTML 46Page - Motorola, Inc MC9328MX21VH Datasheet HTML 47Page - Motorola, Inc MC9328MX21VH Datasheet HTML 48Page - Motorola, Inc MC9328MX21VH Datasheet HTML 49Page - Motorola, Inc MC9328MX21VH Datasheet HTML 50Page - Motorola, Inc MC9328MX21VH Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
Specifications
MC9328MX21 Product Preview, Rev. 1.1
Freescale Semiconductor
47
3.14
Pulse-Width Modulator
The PWM can be programmed to select one of two clock signals as its source frequency. The selected
clock signal is passed through a divider and a prescaler before being input to the counter. The output is
available at the pulse-width modulator output (PWMO) external pin.
Figure 37. PWM Output Timing Diagram
17
tRC
50
18
tCEA
45
19
tREA
30
20
tRHZ
30
21
tCHZ
20
22
tOH
15
23
tREH
15
24
tIR
0
25
tWHR
60
Table 28. PWM Output Timing Parameter Table
Ref
No.
Parameter
1.8V +/- 0.10V
3.0V +/- 0.30V
Unit
Minimum
Maximum
Minimum
Maximum
1
System CLK frequency1
045045
MHz
2a
Clock high time1
12.29
12.29
ns
2b
Clock low time1
9.91
–9.91–
ns
3a
Clock fall time1
–0.5–0.5
ns
3b
Clock rise time1
–0.5–0.5
ns
Table 27. Timing Characteristics (Continued)
Number
Timing
Parameter
Minimum
Maximum
System Clock
2a
1
PWM Output
3b
2b
3a
4b
4a


Similar Part No. - MC9328MX21VH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21VK FREESCALE-MC9328MX21VK Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21VK NXP-MC9328MX21VK Datasheet
1Mb / 100P
   MC9328MX21 266 MHz
Rev. 3.4, 07/2010
logo
Freescale Semiconductor...
MC9328MX21VM FREESCALE-MC9328MX21VM Datasheet
1Mb / 98P
   i.MX family of microprocessors
More results

Similar Description - MC9328MX21VH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
   i.MX 7Dual Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com