Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90548GSPF Datasheet(PDF) 29 Page - Fujitsu Component Limited.

Part # MB90548GSPF
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90548GSPF Datasheet(HTML) 29 Page - Fujitsu Component Limited.

Back Button MB90548GSPF Datasheet HTML 25Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 26Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 27Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 28Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 29Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 30Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 31Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 32Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 33Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
MB90540/540G/545/545G Series
29
s
s
s
s CAN CONTROLLER
The MB90540 series contains two CAN controllers (CAN0 and CAN1) , the MB90545 series contains only one
(CAN0) . The Evaluation Chip MB90V540 also has two CAN controllers.
The CAN controller has the following features :
• Conforms to CAN Specification Version 2.0 Part A and B
- Supports transmission/reception in standard frame and extended frame formats
• Supports transmission of data frames by receiving remote frames
• 16 transmitting/receiving message buffers
- 29-bit ID and 8-byte data
- Multi-level message buffer configuration
• Provides full-bit comparison, full-bit mask, acceptance register 0/acceptance register 1 for each message
buffer as ID acceptance mask
- Two acceptance mask registers in either standard frame format or extended frame formats
• Bit rate programmable from 10 Kbps to 1 Mbps (when input clock is at 16 MHz)
List of Control Registers
(Continued)
Address
Register
Abbreviation
Access
Initial Value
CAN0
CAN1
000070H
000080H
Message buffer valid register
BVALR
R/W
00000000 00000000B
000071H
000081H
000072H
000082H
Transmit request register
TREQR
R/W
00000000 00000000B
000073H
000083H
000074H
000084H
Transmit cancel register
TCANR
W
00000000 00000000B
000075H
000085H
000076H
000086H
Transmit complete register
TCR
R/W
00000000 00000000B
000077H
000087H
000078H
000088H
Receive complete register
RCR
R/W
00000000 00000000B
000079H
000089H
00007AH
00008AH
Remote request receiving register
RRTRR
R/W
00000000 00000000B
00007BH
00008BH
00007CH
00008CH
Receive overrun register
ROVRR
R/W
00000000 00000000B
00007DH
00008DH
00007EH
00008EH
Receive interrupt enable register
RIER
R/W
00000000 00000000B
00007FH
00008FH


Similar Part No. - MB90548GSPF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90548GSPF CYPRESS-MB90548GSPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
More results

Similar Description - MB90548GSPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com