Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90548GSPF Datasheet(PDF) 25 Page - Fujitsu Component Limited.

Part # MB90548GSPF
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90548GSPF Datasheet(HTML) 25 Page - Fujitsu Component Limited.

Back Button MB90548GSPF Datasheet HTML 21Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 22Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 23Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 24Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 25Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 26Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 27Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 28Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 29Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
MB90540/540G/545/545G Series
25
(Continued)
Address
Register
Abbreviation Access
Resource name
Initial value
47H to 4BH
Prohibited
4CH
Input capture control status register 0/1
ICS01
R/W
Input Capture 0/1 0 0 0 0 0 0 0 0B
4DH
Input capture control status register 2/3
ICS23
R/W
Input Capture 2/3 0 0 0 0 0 0 0 0B
4EH
Input capture control status register 4/5
ICS45
R/W
Input Capture 4/5 0 0 0 0 0 0 0 0B
4FH
Input capture control status register 6/7
ICS67
R/W
Input Capture 6/7 0 0 0 0 0 0 0 0B
50H
Timer control status register 0
TMCSR0
R/W
16-bit Reload
Timer 0
0 0 0 0 0 0 0 0B
51H
Timer control status register 0
TMCSR0
R/W
_ _ _ _ 0 0 0 0B
52H
Timer register 0/reload register 0
TMR0/
TMRLR0
R/W
XXXXXXXXB
53H
Timer register 0/reload register 0
TMR0/
TMRLR0
R/W
XXXXXXXXB
54H
Timer control status register 1
TMCSR1
R/W
16-bit Reload
Timer 1
0 0 0 0 0 0 0 0B
55H
Timer control status register 1
TMCSR1
R/W
_ _ _ _ 0 0 0 0B
56H
Timer register 1/reload register 1
TMR1/
TMRLR1
R/W
XXXXXXXXB
57H
Timer register 1/reload register 1
TMR1/
TMRLR1
R/W
XXXXXXXXB
58H
Output compare control status register 0
OCS0
R/W
Output Compare
0/1
0 0 0 0 _ _ 0 0B
59H
Output compare control status register 1
OCS1
R/W
_ _ _0 0 0 0 0B
5AH
Output compare control status register 2
OCS2
R/W
Output Compare
2/3
0 0 0 0 _ _ 0 0B
5BH
Output compare control status register 3
OCS3
R/W
_ _ _ 0 0 0 0 0B
5CH to 6BH
Prohibited
6CH
Timer Data register
TCDT
R/W
I/O Timer
0 0 0 0 0 0 0 0B
6DH
Timer Data register
TCDT
R/W
0 0 0 0 0 0 0 0B
6EH
Timer Control register
TCCS
R/W
0 0 0 0 0 0 0 0B
6FH
ROM mirror function
selection register
ROMM
R/W
ROM Mirror
_ _ _ _ _ _ _ 1B
70H to 7FH
Reserved for CAN 0 Interface.
80H to 8FH
Reserved for CAN 1 Interface.
90H to 9DH
Prohibited
9EH
Program address detection
control status register
PACSR
R/W
Address Match
Detection
Function
0 0 0 0 0 0 0 0B
9FH
Delayed interrupt/release register
DIRR
R/W
Delayed Interrupt _ _ _ _ _ _ _ 0B
A0H
Low-power mode control register
LPMCR
R/W
Low Power
Controller
0 0 0 1 1 0 0 0B
A1H
Clock selection register
CKSCR
R/W
Low Power
Controller
1 1 1 1 1 1 0 0B


Similar Part No. - MB90548GSPF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90548GSPF CYPRESS-MB90548GSPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
More results

Similar Description - MB90548GSPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com